Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX1VCSM2 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX1VCSM2
Description  Miniature Surface Mount Quartz Crystal for Pierce Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX1VCSM2 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX1VCSM2 Datasheet HTML 1Page - RSG Electronic Components GmbH CX1VCSM2 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
CX1VSM CRYSTAL
10 kHz to 600 kHz
Miniature Surface Mount
Quartz Crystal for Pierce Oscillators
™
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.315
8.00
0.330
8.38
B
0.140
3.56
0.155
3.94
C
-
-
see below
D
0.045
1.14
0.055
1.40
E
0.060
1.52
0.070
1.78
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.065
1.65
0.070
1.78
SM2
0.067
1.70
0.072
1.83
SM3
0.070
1.78
0.075
1.90
10121 - Rev B
A
B
E
D
D
TOP
BOTTOM
C
E
PACKAGE DIMENSIONS
actual size
side view
DESCRIPTION
The CX1VSM quartz crystal is a high quality tuning fork
resonator for use in Pierce (single inverter) oscillators. The
CX1VSM is hermetically sealed in a rugged, miniature
ceramic package. The CX1VSM crystal is manufactured
using the STATEK-developed photolithographic process,
and was designed utilizing the experience acquired by
producing millions of crystals for industrial, commercial,
military and medical applications. Maximum process
temperature should not exceed 260
OC.
FEATURES
Miniature tuning fork design
High shock resistance
Designed for low power applications
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
0.160 (4.06)
inches (mm)
0.070 (1.78)
0.270 (6.86)
SUGGESTED LAND PATTERN
AMPLIFIER
BUFFER
C
G
C
D
R
A
CX1
XTAL
OSC
Freq (f )
O
R
f
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
Glass Lid Shown


Similar Part No. - CX1VCSM2

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1V EUROQUARTZ-CX1V Datasheet
280Kb / 2P
Frequency Range 10kHz to 600kHz
logo
STATEK CORPORATION
CX1V STATEK-CX1V Datasheet
153Kb / 2P
Miniature Quartz Crystal for Pierce Oscillators
logo
IQD Frequency Products ...
CX1V-TF IQD-CX1V-TF Datasheet
296Kb / 3P
Quartz Crystal Specification
logo
STATEK CORPORATION
CX1VHT STATEK-CX1VHT Datasheet
267Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1VHT STATEK-CX1VHT_11 Datasheet
267Kb / 2P
HIGH TEMPERATURE CRYSTALS
More results

Similar Description - CX1VCSM2

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX6VSM STATEK-CX6VSM Datasheet
465Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX-1V-03 STATEK-CX-1V-03 Datasheet
81Kb / 2P
Miniature Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1VSM STATEK-CX1VSM Datasheet
480Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1V STATEK-CX1V_08 Datasheet
153Kb / 2P
Miniature Quartz Crystal for Pierce Oscillators
CX1VSM STATEK-CX1VSM_08 Datasheet
447Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM_08 Datasheet
128Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX6VSM STATEK-CX6VSM_08 Datasheet
128Kb / 2P
Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com