Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75201QPWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75201QPWPR
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75201QPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS75201QPWPR Datasheet HTML 9Page - Texas Instruments TPS75201QPWPR Datasheet HTML 10Page - Texas Instruments TPS75201QPWPR Datasheet HTML 11Page - Texas Instruments TPS75201QPWPR Datasheet HTML 12Page - Texas Instruments TPS75201QPWPR Datasheet HTML 13Page - Texas Instruments TPS75201QPWPR Datasheet HTML 14Page - Texas Instruments TPS75201QPWPR Datasheet HTML 15Page - Texas Instruments TPS75201QPWPR Datasheet HTML 16Page - Texas Instruments TPS75201QPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TPS75201Q, TPS75215Q, TPS75218Q, TPS75225Q, TPS75233Q WITH RESET
TPS75401Q, TPS75415Q, TPS75418Q, TPS75425Q, TPS75433Q WITH POWER GOOD
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
SLVS242B – MARCH 2000 – REVISED JUNE 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
t – Time – ms
TPS75x15Q
LOAD TRANSIENT RESPONSE
–100
0
03
2
14
5
7
68
9
10
0
50
–50
IL=2 A
CL=100 µF (Tantalum)
VO=1.5 V
–150
2
1
Figure 14
TPS75x33Q
LINE TRANSIENT RESPONSE
t – Time – ms
0.3
0.2
0.1
0.4 0.5
0.7
0.6
0.8
0.9
1
0
–100
5.3
0
4.3
IO=2 A
CO=100 µF
VO=3.3 V
100
dv
dt
+ 1V
µs
Figure 15
Figure 16
t – Time – ms
TPS75x33Q
LOAD TRANSIENT RESPONSE
–150
3
2
14
5
7
68
9
10
0
0
0
50
–50
IO=2 A
CO=100 µF (Tantalum)
VO=3.3 V
–100
2
1
Figure 17
t – Time – ms
VI = 4.3 V
TJ = 25°C
0
3.3
0
0
4.3
0.2
1
0.4
0.6
0.8
TPS75x33Q
OUTPUT VOLTAGE
vs
TIME (STARTUP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com