Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF2050 Datasheet(PDF) 21 Page - Texas Instruments

Part # TRF2050
Description  LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2050 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TRF2050 Datasheet HTML 17Page - Texas Instruments TRF2050 Datasheet HTML 18Page - Texas Instruments TRF2050 Datasheet HTML 19Page - Texas Instruments TRF2050 Datasheet HTML 20Page - Texas Instruments TRF2050 Datasheet HTML 21Page - Texas Instruments TRF2050 Datasheet HTML 22Page - Texas Instruments TRF2050 Datasheet HTML 23Page - Texas Instruments TRF2050 Datasheet HTML 24Page - Texas Instruments TRF2050 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TRF2050
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
SLWS030D– JUNE 1996 – REVISED OCTOBER 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 3. Extended Performance Mode Function Table
SYMBOL
BITS
SAME AS
SA7025
MODE
FUNCTION
ACP
1
No
Auxiliary charge polarity:
0 = positive
1 = negative
CK
4
Yes
Binary acceleration factor for integral charge pump current
CL
2
Yes
Binary acceleration factor for proportional charge pump current
CN
8
Yes
Binary current setting factor for main charge pumps
EA
1
Auxiliary divider enable flag:
0 = disabled
1 = enabled
EM
1
Yes
Main divider enable flag:
0 = disabled
1 = enabled
FMOD
5
No
Fraction accumulator modulus
G
4
No
Speed-up mode duration (See Table 9)
MCP
1
No
Main charge pump polarity:
0 = positive
1 = negative
MS
2
No
Mode select
01 = Extended Performance Mode
N
18
No
Overall main divider integer division ratio (NM)
NA
12
Yes
Auxiliary divider ratio
NF
4
No
Fractional-N increment
NR
12
Yes
Reference divider ratio
PA
1
Yes
Auxiliary prescaler select:
0 = divide by 4
1 = divide by 1
SA
2
Yes
Reference select for auxiliary phase detector
SM
2
Yes
Reference select for main phase detector
T
2
Yes
Test mode connection of internal signals to the LOCK terminal:
00 = ACCU overflow
01 = Auxiliary divider
10 = Main divider
11 = Reference divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com