Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5724 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP5724
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5724 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP5724 Datasheet HTML 1Page - Diodes Incorporated AP5724 Datasheet HTML 2Page - Diodes Incorporated AP5724 Datasheet HTML 3Page - Diodes Incorporated AP5724 Datasheet HTML 4Page - Diodes Incorporated AP5724 Datasheet HTML 5Page - Diodes Incorporated AP5724 Datasheet HTML 6Page - Diodes Incorporated AP5724 Datasheet HTML 7Page - Diodes Incorporated AP5724 Datasheet HTML 8Page - Diodes Incorporated AP5724 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP5724
WHITE LED STEP-UP CONVERTER
AP5724 Rev. 1
3 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
1.2MHz
Oscillator
RAMP
Generator
Σ
-
+
VREF
0.1V
VIN
3
FB
Rc
Cc
Comparator
A2
CONTROL
LOGIC
A1
1
Driver
SW
Q1
2 GND
4
EN
Enable
6
OTP
5
OVP
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
VIN Pin Voltage
-0.3~7
V
VSW
SW Voltage
-0.3~34
V
VOVP
OVP Pin Voltage
-0.3~35
V
VFB
Feedback Pin Voltage
-0.3~7
V
EN
EN
-0.3~7
V
TJ(MAX)
Maximum Junction Temperature
150
oC
TLEAD
Lead Temperature
300
oC
TST
Storage Temperature Range
-65 to +150
oC
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be
exceeded under any condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com