Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5725 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP5725
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5725 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP5725 Datasheet HTML 1Page - Diodes Incorporated AP5725 Datasheet HTML 2Page - Diodes Incorporated AP5725 Datasheet HTML 3Page - Diodes Incorporated AP5725 Datasheet HTML 4Page - Diodes Incorporated AP5725 Datasheet HTML 5Page - Diodes Incorporated AP5725 Datasheet HTML 6Page - Diodes Incorporated AP5725 Datasheet HTML 7Page - Diodes Incorporated AP5725 Datasheet HTML 8Page - Diodes Incorporated AP5725 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP5725
WHITE LED STEP-UP CONVERTER
AP5725 Rev. 1
2 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
Package
AP 5725 XXX G - 7
Packing
7 : Tape & Reel
Green
G : Green
FDC : DFN2020C-6
W : SOT26
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP5725WG-7
W
SOT26
3000/Tape & Reel
-7
AP5725FDCG-7
FDC
DFN2020C-6
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
(1) SOT26
(2) DFN2020C-6
1
2
3
74
6
OVP
FB
5
EN
SW
( Top View )
VIN
GND
SW
VIN
OVP
1
2
3
6
5
4
GND
FB
EN
( Top View )
Pin Name
Description
SW
Switch Pin. Connect inductor/diode here. Minimize trace area at this pin to reduce EMI.
GND
GND pin.
FB
Feedback Pin. Reference voltage is 0.25V. Connect cathode of lowest LED and resister here.
Calculate resistor value according to the formula: RSET = 0.25V / ILED
EN
Converter On/Off Control Input. A high input at EN turn on the converter, and a low input turns it
off. When not used, connect EN to the input source for automatic startup. The EN pin cannot be
left floating.
OVP
Output Voltage detect pin for over voltage protection.
VIN
Input Supply Pin. Must be locally bypassed with 1
μF or 2.2μF to reduce input noise.
Ordering Information
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com