Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF2052 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF2052
Description  LOW-VOLTAGE 2-GHz SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2052 Datasheet(HTML) 1 Page - Texas Instruments

  TRF2052 Datasheet HTML 1Page - Texas Instruments TRF2052 Datasheet HTML 2Page - Texas Instruments TRF2052 Datasheet HTML 3Page - Texas Instruments TRF2052 Datasheet HTML 4Page - Texas Instruments TRF2052 Datasheet HTML 5Page - Texas Instruments TRF2052 Datasheet HTML 6Page - Texas Instruments TRF2052 Datasheet HTML 7Page - Texas Instruments TRF2052 Datasheet HTML 8Page - Texas Instruments TRF2052 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TRF2052
LOW-VOLTAGE 2-GHz SYNTHESIZER
SLWS066 – JULY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 3-V Power Supply Operation
D 2-GHz Operation
D Normal and Speed-Up Charge Pumps
D Dual PLL: One RF and One IF
D Additional, Directly Accessible
Power-Down Modes
description
The TRF2052 is a dual-channel, low-power,
phase-locked loop (PLL) frequency synthesizer
component designed specifically for digitally en-
hanced cordless telephone (DECT) applications.
The device is suitable for a variety of applications
up through 2 GHz. A speed-up integral charge pump is used for fast channel switching. The simple serial
interface is compatible with the extended performance mode (EPM) of other devices in Texas Instruments’
synthesizer family.
Along with the external loop filters, the TRF2052 provides all functions for voltage-controlled oscillators (VCO)
in a dual-PLL frequency synthesizer system. A main channel is provided for RF frequencies and an auxiliary
channel for IF frequencies. The current-output charge pumps directly drive passive RC filter networks, to
generate VCO control voltages. Fast main-channel frequency switching is achieved with a charge pump
arrangement that increases the current drive and alters the loop-filter frequency response during a portion of
the switching interval.
The speed-up mode is controlled by the serial interface strobe signal, which goes high when a new frequency
is loaded. At this time, the internal speed-up timer is activated and it enables the speed-up mode into the
speed-up timer for the preprogrammed duration. During speed-up mode, the charge pump current to the
external loop filter can be changed in two ways. First, the main charge pump current can be increased. Second,
an additional integral charge pump can be separately and directly connected to the external loop-filter capacitor
to further decrease the loop-filter charge and discharge times.
Caution. These devices have limited built-in gate protection. The leads should be shorted together or the device placed in conductive
foam during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLOCK
DATA
STROBE
VSS
RFINP
RFINN
VCCP
REFIN
RA
AUXIN
VDD
NENM
LOCK
NENA
RN
VDDA
PHP
PHI
VSSA
PHA
PW PACKAGE
(TOP VIEW)


Similar Part No. - TRF2052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050 Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050PW TI-TRF2050PW Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050PWR TI1-TRF2050PWR Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
More results

Similar Description - TRF2052

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
NXP Semiconductors
SA8027 PHILIPS-SA8027 Datasheet
231Kb / 22P
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
logo
Hittite Microwave Corpo...
HMC-C083 HITTITE-HMC-C083 Datasheet
957Kb / 6P
MicroSynth INTEGRATED SYNTHESIZER MODULE, 2 - 6 GHz
HMC703LP4E HITTITE-HMC703LP4E Datasheet
3Mb / 52P
8 GHZ FRACTIONAL SYNTHESIZER
logo
Texas Instruments
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC703LP4E AD-HMC703LP4E Datasheet
2Mb / 58P
8 GHz fractional synthesizer
logo
Texas Instruments
LMX2572LP TI1-LMX2572LP Datasheet
1Mb / 82P
2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
logo
Pico Technology Ltd.
AS108 PICO-AS108 Datasheet
1Mb / 10P
8 GHz Agile Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com