Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3024LSS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3024LSS
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3024LSS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3024LSS Datasheet HTML 1Page - Diodes Incorporated DMN3024LSS Datasheet HTML 2Page - Diodes Incorporated DMN3024LSS Datasheet HTML 3Page - Diodes Incorporated DMN3024LSS Datasheet HTML 4Page - Diodes Incorporated DMN3024LSS Datasheet HTML 5Page - Diodes Incorporated DMN3024LSS Datasheet HTML 6Page - Diodes Incorporated DMN3024LSS Datasheet HTML 7Page - Diodes Incorporated DMN3024LSS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMN3024LSS
Document Revision: 3
1 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN3024LSS
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = 25°C
30V
24m
Ω @ VGS= 10V
8.5A
36m
Ω @ VGS= 4.5V
6.9A
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(on)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
•
Motor control
•
Backlighting
•
DC-DC Converters
•
Power management functions
Features and Benefits
•
Low on-resistance
•
Fast switching speed
•
“Green” component and RoHS compliant (Note 1)
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0 (Note 1)
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (approximate)
Ordering Information (Note 1)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DMN3024LSS-13
N3024LS
13
12
2,500
Note:
1. Diodes, Inc. defines “Green” products as those which are Eu RoHS compliant and contain no halogens or antimony compounds; further information
about Diodes Inc.’s “Green” Policy can be found on our website. For packaging details, go to our website.
Marking Information
N3024LS = Product Type Marking Code
= Manufacturer’s Marking
YY WW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01-52)
TOP VIEW
TOP VIEW
D
S
G
Equivalent Circuit
 
D
S
S
G
D
D
D
S
N3024LS
YY WW
Please click here to visit our online spice models database.


Similar Part No. - DMN3024LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS_15 Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMN3024LSS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com