Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDR552F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR552F
Description  HIGH SPEED SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR552F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR552F Datasheet HTML 1Page - KEC(Korea Electronics) KDR552F Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005. 5. 27
2/2
KDR552F
Revision No : 0
IF - VF
IR - VR
CT - VR
1.0
1.0
10
10
0.1
0.1
Forward Voltage VF (V)
Reverse Current VR (V)
Reverse Current VR (V)
0
0
0.2
0.4
0.6
10
0.8
10 0
10-1
10-2
10-3
10-4
10-5
10-6
10-7
10-8
10-4
10-5
10-6
10-7
10-8
10 1
10
20
30
40
f=1MHz
Pulse test
Ta = 75 C
Ta = 25 C
Ta = 75 C
Ta = 25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com