Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463IPFP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFP Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 33Page - Texas Instruments ADS5463IPFP Datasheet HTML 34Page - Texas Instruments ADS5463IPFP Datasheet HTML 35Page - Texas Instruments ADS5463IPFP Datasheet HTML 36Page - Texas Instruments ADS5463IPFP Datasheet HTML 37Page - Texas Instruments ADS5463IPFP Datasheet HTML 38Page - Texas Instruments ADS5463IPFP Datasheet HTML 39Page - Texas Instruments ADS5463IPFP Datasheet HTML 40Page - Texas Instruments ADS5463IPFP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Power Supplies
f − Frequency − MHz
40
50
60
70
80
90
100
G032
AVDD5
fS = 500 MSPS
fIN = None
AVDD3
0.01
0.1
1
100
10
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
The ADS5463/ADS54RF63 uses three power supplies. For the analog portion of the design, a 5-V and 3.3-V
supply (AVDD5 and AVDD3) are used, while the digital portion uses a 3.3-V supply (DVDD3). The use of
low-noise power supplies with adequate decoupling is recommended. Linear supplies are preferred to switched
supplies; switched supplies tend to generate more noise components that can be coupled to the
ADS5463/ADS54RF63. However, the PSRR value and the plot shown in Figure 67 were obtained without bulk
supply decoupling capacitors. When bulk (0.1
µF) decoupling capacitors are used, the board-level PSRR is much
higher than the stated value for the ADC. The user may be able to supply power to the device with a
less-than-ideal supply and still achieve good performance. It is not possible to make a single recommendation for
every type of supply and level of decoupling for all systems. If the noise characteristics of the available supplies
are understood, a study of the PSRR data for the ADS5463/ADS54RF63 may provide the user with enough
information to select noisy supplies if the performance is still acceptable within the frequency range of interest.
The power consumption of the ADS5463/ADS54RF63 does not change substantially over clock rate or input
frequency as a result of the architecture and process. The DVDD3 PSRR is superior to both the AVDD5 and
AVDD3 so was not graphed.
Because there are two diodes connected in reverse between AVDD3 and DVDD3 internally, a power-up
sequence is recommended. When there is a delay in power up between these two supplies, the one that lags
could have current sinking through an internal diode before it powers up. The sink current can be large or small
depending on the impedance of the external supply and could damage the device or affect the supply source.
The best power up sequence is one of the following options (regardless of when AVDD5 powers up):
• Power up both AVDD3 and DVDD3 at the same time (best scenario), OR
• Keep the voltage difference less than 0.8 V between AVDD3 and DVDD3 during the power up (0.8 V is not a
hard specification - a smaller delta between supplies is safer).
If the above sequences are not practical then the sink current from the supply needs to be controlled or
protection added externally. The max transient current (on the order of
µsec) for the DVDD3 or AVDD3 pin is 500
mA to avoid potential damage to the device or reduce its lifetime.
The values for the analog and clock inputs given in the Absolute Maximum Ratings are valid when the supplies
are on. When the power supplies are off and the clock or analog inputs are still being actively driven, the input
voltage and current need to be limited to avoid device damage. If the ADC supplies are off, max/min continuous
dc voltage is ±0.95 V and max dc current is 20 mA for each input pin (clock or analog), relative to ground.
Figure 67. PSRR versus Supply Injected Frequency
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com