Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD243C Datasheet(PDF) 1 Page - Motorola, Inc

Part # BD243C
Description  Complementary Silicon Plastic Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD243C Datasheet(HTML) 1 Page - Motorola, Inc

  BD243C Datasheet HTML 1Page - Motorola, Inc BD243C Datasheet HTML 2Page - Motorola, Inc BD243C Datasheet HTML 3Page - Motorola, Inc BD243C Datasheet HTML 4Page - Motorola, Inc BD243C Datasheet HTML 5Page - Motorola, Inc BD243C Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Plastic
Power Transistors
. . . designed for use in general purpose amplifier and switching applications.
• Collector – Emitter Saturation Voltage —
VCE(sat) = 1.5 Vdc (Max) @ IC = 6.0 Adc
• Collector Emitter Sustaining Voltage —
VCEO(sus) = 80 Vdc (Min) — BD243B, BD244B
VCEO(sus) = 100 Vdc (Min) — BD243C, BD244C
• High Current Gain Bandwidth Product
fT = 3.0 MHz (Min) @ IC = 500 mAdc
• Compact TO–220 AB Package
MAXIMUM RATINGS
Rating
Symbol
BD243B
BD244B
BD243C
BD244C
Unit
Collector–Emitter Voltage
VCEO
80
100
Vdc
Collector–Base Voltage
VCB
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
6
10
Adc
Base Current
IB
2.0
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25
_C
PD
65
0.52
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.92
_C/W
80
60
40
20
0
0
20
40
60
80
100
120
140
160
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BD243B/D
© Motorola, Inc. 1995
BD243B
BD243C
BD244B
BD244C
6 AMPERE
POWER TRANSISTORS
COMPLEMENTARY
SILICON
80 – 100 VOLTS
65 WATTS
*Motorola Preferred Device
CASE 221A–06
TO–220AB
NPN
PNP
*
*
REV 7


Similar Part No. - BD243C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD243C MOSPEC-BD243C Datasheet
127Kb / 3P
POWER TRANSISTORS(6A,65W)
logo
ON Semiconductor
BD243C ONSEMI-BD243C Datasheet
140Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
logo
Power Innovations Ltd
BD243C POINN-BD243C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
34Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1999
logo
Fairchild Semiconductor
BD243C FAIRCHILD-BD243C Datasheet
38Kb / 4P
Medium Power Linear and Switching Applications
More results

Similar Description - BD243C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com