Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76933DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76933DBVT
Description  ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76933DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS76933DBVT Datasheet HTML 1Page - Texas Instruments TPS76933DBVT Datasheet HTML 2Page - Texas Instruments TPS76933DBVT Datasheet HTML 3Page - Texas Instruments TPS76933DBVT Datasheet HTML 4Page - Texas Instruments TPS76933DBVT Datasheet HTML 5Page - Texas Instruments TPS76933DBVT Datasheet HTML 6Page - Texas Instruments TPS76933DBVT Datasheet HTML 7Page - Texas Instruments TPS76933DBVT Datasheet HTML 8Page - Texas Instruments TPS76933DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS76901, TPS76912, TPS76915, TPS76918, TPS76925
TPS76927, TPS76928, TPS76930, TPS76933, TPS76950
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS203D – JUNE 1999 – REVISED APRIL 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 100 mA, EN = 0 V, CO = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS76901
1.2 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
TPS76901
1.2 V
≤ VO ≤ 5.5 V,
TJ = –40°C to 125°C
0.97VO
1.03VO
TPS76912
TJ = 25°C,
2.7 V < VIN < 10 V
1.224
TPS76912
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.187
1.261
TPS76915
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
TPS76915
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.455
1.545
TPS76918
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
TPS76918
TJ = –40°C to 125°C, 2.8 V < VIN < 10 V
1.746
1.854
TPS76925
TJ = 25°C,
3.5 V < VIN < 10 V
2.5
Output voltage (10
µA to 100 mA
TPS76925
TJ = –40°C to 125°C, 3.5 V < VIN < 10 V
2.425
2.575
V
g(
µ
load) (see Note 4)
TPS76927
TJ = 25°C,
3.7 V < VIN < 10 V
2.7
V
TPS76927
TJ = –40°C to 125°C, 3.7 V < VIN < 10 V
2.619
2.781
TPS76928
TJ = 25°C,
3.8 V < VIN < 10 V
2.8
TPS76928
TJ = –40°C to 125°C, 3.8 V < VIN < 10 V
2.716
2.884
TPS76930
TJ = 25°C,
4.0 V < VIN < 10 V
3.0
TPS76930
TJ = –40°C to 125°C, 4.0 V < VIN < 10 V
2.910
3.090
TPS76933
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
TPS76933
TJ = –40°C to 125°C, 4.3 V < VIN < 10 V
3.201
3.399
TPS76950
TJ = 25°C,
6.0 V < VIN < 10 V
5.0
TPS76950
TJ = –40°C to 125°C, 6.0 V < VIN < 10 V
4.850
5.150
Quiescent current (GND current)
EN = 0V,
0 mA < IO < 100 mA,
TJ = 25°C
17
µA
()
(See Note 4 and Note 5)
EN = 0V,
IO = 100 mA,
TJ = –40°C to 125°C
28
µA
Load regulation
EN = 0V,
IO = 0 to 100 mA,
TJ = 25°C
12
mV
Output voltage line regulation (
∆VO/VO) (See Note 5)
VO + 1 V < VI ≤ 10 V, TJ = 25°C,
See Note 4
0.04
%/V
Output voltage line regulation (
∆VO/VO) (See Note 5)
VO + 1 V < VI ≤ 10 V,
TJ = –40°C to 125°C, See Note 4
0.1
%/V
Output noise voltage
BW = 300 Hz to 50 kHz,
CO = 10 µF,
TJ = 25°C
190
µVrms
Output current limit
VO = 0 V,
See Note 4
350
750
mA
Standby current
EN = VI,
2.7 < VI < 10 V
1
µA
Standby current
TJ = –40°C to 125°C
2
µA
NOTES:
4. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V, minimum output current
10
µA, maximum output current 100 mA.
5. If VO ≤ 1.8 V then Vimin = 2.7 V, Vimax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
2.7 V
100
1000
If VO ≥ 2.5 V then Vimin = VO + 1 V, Vimax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
V
O )
1V
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com