Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62002RHBT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002RHBT
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002RHBT Datasheet(HTML) 41 Page - Texas Instruments

Back Button CDCE62002RHBT Datasheet HTML 37Page - Texas Instruments CDCE62002RHBT Datasheet HTML 38Page - Texas Instruments CDCE62002RHBT Datasheet HTML 39Page - Texas Instruments CDCE62002RHBT Datasheet HTML 40Page - Texas Instruments CDCE62002RHBT Datasheet HTML 41Page - Texas Instruments CDCE62002RHBT Datasheet HTML 42Page - Texas Instruments CDCE62002RHBT Datasheet HTML 43Page - Texas Instruments CDCE62002RHBT Datasheet HTML 44Page - Texas Instruments CDCE62002RHBT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
CLOCKING ADCS WITH THE CDCE62002
jitter
10
in
total
1
SNR
20log
2
jitter
é
ù
=
ê
ú
ë
û
f
p
(4)
(
)
(
)
2
2
total
ADC
CLK
jitter
jitter
jitter
=
+
(5)
A D C
S N R
6 .0 2 N
1 .7 6
=
+
(6)
DataConverterJitterRequirements
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
1
10
100
1000
10000
InputBandwidth(MHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
1ps
350fs
100fs
50fs
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
High-speed analog to digital converters incorporate high input bandwidth on both the analog port and the sample
clock port. Often the input bandwidth far exceeds the sample rate of the converter. Engineers regularly
implement receiver chains that take advantage of the characteristics of bandpass sampling. This implementation
trend often causes engineers working in communications system design to encounter the term “clock limited
performance”. Therefore, it is important to understand the impact of clock jitter on ADC performance. The
following equation shows the relationship of data converter signal to noise ratio (SNR) to total jitter:
Total jitter comprises two components: the intrinsic aperture jitter of the converter and the jitter of the sample
clock:
With respect to an ADC with N-bits of resolution, ignoring total jitter, ADC quantization error, and input noise, the
following equation shows the relationship between resolution and SNR:
Figure 35 plots Equation 4 and Equation 6 for constant values of total jitter. When used in conjunction with most
ADCs, the CDCE62002 supports a total jitter performance value of <1ps.
Figure 35. Data Converter Jitter Requirements
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com