| Electronic Components Datasheet Search |
|
TSB14C01PM Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB14C01PM Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 31 page ![]() TSB14C01 5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER SLLS231B – MARCH 1996 – REVISED MAY 1997 24 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION fairness intervals (continued) Fairness Interval (N) arb arb data arb arb data data arb Owner A Owner B Owner M Fairness Interval (N –1) Fairness Interval (N +1) Subaction Arbitration Reset Gap Subaction Gaps Arbitration Reset Gap Figure 11. Fairness Interval The implementation of the fair arbitration protocol is defined in terms of these fairness intervals as is discussed in the following paragraphs. fair arbitration When using this arbitration class, an active node can send an asynchronous packet exactly once each fairness interval. Once a subaction gap is detected, a node can begin arbitration when its arbitration_enable signal is set. The arbitration_enable signal is set at the beginning of the fairness interval and is cleared when the node successfully accesses the bus through fair arbitration. This disables further fair arbitration attempts by that node for the remainder of the fairness interval. In the absence of urgent nodes, a fairness interval ends once all of the nodes attempting fair arbitration have successfully accessed the bus. At this time, all of the fair nodes have their arbitration_enable signals reset and cannot arbitrate for the bus. The bus remains idle until an arbitration reset gap occurs. Once this happens, the next fairness interval begins. All of the nodes set their arbitration_enable signal and can begin to arbitrate for the bus. This process is illustrated in Figure 12. Fairness Interval (N) arb arb node A arb Fairness Interval (N –1) Fairness Interval (N +1) Cleared When Node Wins Arbitration node B arb node C Arbitration Reset Gap Arbitration Reset Gap Set at Arbitration Reset Gap Node A Node B Node C Arbitration Enable NOTE A: The arbitration number of A > B > C. Figure 12. Fair Arbitration Timing Note that a node sending a concatenated subaction does not reset its arb_enable bit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |