Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA220 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA220 Datasheet HTML 12Page - Texas Instruments INA220 Datasheet HTML 13Page - Texas Instruments INA220 Datasheet HTML 14Page - Texas Instruments INA220 Datasheet HTML 15Page - Texas Instruments INA220 Datasheet HTML 16Page - Texas Instruments INA220 Datasheet HTML 17Page - Texas Instruments INA220 Datasheet HTML 18Page - Texas Instruments INA220 Datasheet HTML 19Page - Texas Instruments INA220 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
PROGRAMMING THE INA220 POWER MEASUREMENT ENGINE
Calibration Register and Scaling
Calibration Example 1: Calibrating the INA220 with no possibility for overflow. (Note that the numbers
MaxPossible_I=
V
R
SHUNT_MAX
SHUNT
MaxPossible_I=0.64
(1)
Minimum_LSB=
Max_Expected_I
32767
Minimum_LSB=18.311
10
´
-6
(2)
Maximum_LSB=
Max_Expected_I
4096
Maximum_LSB=146.520
10
´
-6
(3)
Cal=trunc
0.04096
Current_LSB
R
´
SHUNT
Cal=4096
(4)
INA220
SBOS459B – JUNE 2009 – REVISED JUNE 2009 ............................................................................................................................................................. www.ti.com
The Calibration Register makes it possible to set the scaling of the Current and Power Registers to whatever
values are most useful for a given application. One strategy may be to set the Calibration Register such that the
largest possible number is generated in the Current Register or Power Register at the expected full-scale point;
this approach yields the highest resolution. The Calibration Register can also be selected to provide values in the
Current and Power Registers that either provide direct decimal equivalents of the values being measured, or
yield a round LSB number. After these choices have been made, the Calibration Register also offers possibilities
for end user system-level calibration, where the value is adjusted slightly to cancel total system error.
Below are two examples for configuring the INA220 calibration. Both examples are written so the information
directly relates to the calibration setup found in the INA220EVM software.
used in this example are the same used with the INA220EVM software as shown in Figure 20.)
1. Establish the following parameters:
VBUS_MAX = 32
VSHUNT_MAX = 0.32
RSHUNT = 0.5
2. Using Equation 1, determine the maximum possible current .
3. Choose the desired maximum current value. This value is selected based on system expectations.
Max_Expected_I = 0.6
4. Calculate the possible range of current LSBs. To calculate this range, first compute a range of LSBs that is
appropriate for the design. Next, select an LSB within this range. Note that the results will have the most
resolution when the minimum LSB is selected. Typically, an LSB is selected to be the nearest round number
to the minimum LSB value.
Choose an LSB in the range: Minimum_LSB<Selected_LSB < Maximum_LSB
Current_LSB = 20 × 10–6
Note:
This value was selected to be a round number near the Minimum_LSB. This selection allows for
good resolution with a rounded LSB.
5. Compute the Calibration Register value using Equation 4:
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): INA220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com