Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB14C01AIPM Datasheet(PDF) 1 Page - Texas Instruments

Part # TSB14C01AIPM
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AIPM Datasheet(HTML) 1 Page - Texas Instruments

  TSB14C01AIPM Datasheet HTML 1Page - Texas Instruments TSB14C01AIPM Datasheet HTML 2Page - Texas Instruments TSB14C01AIPM Datasheet HTML 3Page - Texas Instruments TSB14C01AIPM Datasheet HTML 4Page - Texas Instruments TSB14C01AIPM Datasheet HTML 5Page - Texas Instruments TSB14C01AIPM Datasheet HTML 6Page - Texas Instruments TSB14C01AIPM Datasheet HTML 7Page - Texas Instruments TSB14C01AIPM Datasheet HTML 8Page - Texas Instruments TSB14C01AIPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Supports Provisions of IEEE 1394-1995
(1394) Standard for High-Performance
Serial Bus
D Fully Interoperable With FireWire™
Implementation of 1394
D Provides A Backplane Environment That
Supports 50 or 100 Megabits per Second
(Mbits/s)
D Logic Performs System Initialization and
Arbitration Functions
D Encode and Decode Functions Included for
Data-Strobe Bit-Level Encoding
D Incoming Data Resynchronized to Local
Clock
D Separate Transmitter and Receiver for
Greater Flexibility
D Data Interface to Link-Layer Controller
(Link) Provided Through Two Parallel
Signal Lines at 25/50 MHz
D 100-MHz or 50-MHz Oscillator Provides
Transmit, Receive-Data, and Link Clocks at
25/50 MHz
D Single 5-V Supply Operation
D Packaged in a High-Performance 64-Pin
TQFP (PM) Package for 0
°C to 70°C
Operation and – 40
°C to 85°C Operation
D Packaged in a 68-Pin CFP (HV) Package for
–55
°C to 125°C Operation
description
The TSB14C01A provides the transceiver functions needed to implement a single port node in a backplane-
based 1394 network. The TSB14C01A provides two terminals for transmitting, two terminals for receiving, and
a single terminal to externally control the drivers for data and strobe. The TSB14C01A is not designed to drive
the backplane directly, this function must be provided externally. The TSB14C01A is designed to interface with
a link-layer controller (link), such as the TSB12C01A.
The TSB14C01A requires an external 98.304-MHz or 49.152-MHz reference oscillator input for S100/50
operation. The reference signal is internally divided to provide the 49.152-MHz
±100-ppm system clock signals
used to control transmission of the outbound encoded strobe and data information. The 49.152-MHz clock
signal is supplied to the associated link for synchronization of the two chips. When this device is in the S100
mode of operation, OSC_SEL is asserted high. When the TSB14C01A is in the S50 mode of operation, the clock
rate supplied to the link is 24.576 MHz.
Data bits to be transmitted are received from the link on two parallel paths and are latched internally in the
TSB14C01A in synchronization with the 49.152-MHz system clock. These bits are combined serially, encoded,
and then transmitted at 98.304-Mbits/s (in S100 mode) as the outbound data-strobe information stream. During
transmission, the encoded data information is transmitted on TDATA, and the encoded strobe information is
transmitted on TSTRB.
During packet reception the encoded information is received on RDATA and strobe information on RSTRB. The
received data-strobe information is decoded to recover the receive clock signal and the serial data bits. The
serial data bits are split into two parallel streams, resynchronized to the local system clock, and sent to the
associated link.
The TSB14C01A is a 5-V device and provides CMOS-level outputs.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
† This serial bus implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thomson, Limited.
FireWire is a trademark of Apple Computer, Incorporated.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TSB14C01AIPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01HV TI-TSB14C01HV Datasheet
442Kb / 31P
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01PM TI-TSB14C01PM Datasheet
442Kb / 31P
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
More results

Similar Description - TSB14C01AIPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB21LV03C TI-TSB21LV03C Datasheet
393Kb / 29P
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB14AA1A TI-TSB14AA1A Datasheet
257Kb / 37P
3.3 V IEEE 1394-1995 BACKPLANE PHY
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB14AA1A TI1-TSB14AA1A_14 Datasheet
191Kb / 8P
3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A_15 Datasheet
187Kb / 7P
3.3-V IEEE 1394-1995 Backplane PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com