Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2040A Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB2040A
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2040A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB2040A Datasheet HTML 9Page - Texas Instruments TUSB2040A Datasheet HTML 10Page - Texas Instruments TUSB2040A Datasheet HTML 11Page - Texas Instruments TUSB2040A Datasheet HTML 12Page - Texas Instruments TUSB2040A Datasheet HTML 13Page - Texas Instruments TUSB2040A Datasheet HTML 14Page - Texas Instruments TUSB2040A Datasheet HTML 15Page - Texas Instruments TUSB2040A Datasheet HTML 16Page - Texas Instruments TUSB2040A Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TUSB2040A
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS288B – JANUARY 1998 – REVISED MARCH 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
self-powered hub, ganged port power management
A self-powered TUSB2040A can also be implemented using ganged port power management (see Figure 11).
This implementation is similar to the individual power management except one TPS2015 provides power
switching and overcurrent protection for two ports. Although this is a more economical solution, a fault on one
downstream port causes power to be removed from both downstream ports.
48-MHz Clock
Signal‡
Figure 11. TUSB2040A Self-Powered Hub, Ganged Port Power Management
† TPS2015, TPS7133, and SN75240 are Texas Instruments devices.
‡ See Figures 7 and 8.
§ Minimum value required per USB specification, version 1.0.
DP1
DM1
DP2
DM2
PWRON1
PWRON2
PWRON3
PWRON4
OVRCUR1
OVRCUR2
OVRCUR3
OVRCUR4
GND
XTAL1
XTAL2
EXTMEM
RESET
TPS2015†
IN
EN
OUT
D +
D –
5 V
GND
D +
D –
5 V
Downstream
Ports
NC
NC
NC
OC
TUSB2040A
DP3
DM3
DP4
DM4
SN75240†
A
B
C
D
120
µF§
GND
120
µF§
DP0
DM0
VCC
5 V
3.3 V
GND
D +
D –
Upstream
Port
TPS7133†
SN75240†
A
B
5 V
GND
C
D
4.7
µF
0.1
µF
4.7
µF
Ferrite Beads
5 V Board Power
Supply
PG
Ferrite Beads
0.1
µF
TPS2015†
IN
EN
OUT
D +
D –
5 V
GND
D +
D –
5 V
OC
GND
120
µF§
Ferrite Beads
0.1
µF
SN75240†
A
B
C
D
120
µF§
BUSPWR/SCL
GANGED/SDA
3.3 V
Ferrite Beads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com