Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS2.1 Datasheet(PDF) 4 Page - ASM GmbH

Part # WS2.1
Description  Analog or A/D converted synchronous serial output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS2.1 Datasheet(HTML) 4 Page - ASM GmbH

  WS2.1 Datasheet HTML 1Page - ASM GmbH WS2.1 Datasheet HTML 2Page - ASM GmbH WS2.1 Datasheet HTML 3Page - ASM GmbH WS2.1 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ASM GmbH
KAT-WS-D-96
4
Cable Forces
typical at 20 °C
Range
[mm
in]
Maximum Pull-out Force
[N]
Minimum Pull-in Force
[N]
2500
98.43
8.6
5.7
Dimensions in brackets are inches.
For guaranteed dimensions consult factory
Mounting aid
∅18 [dia. 0.71]
removable
WS2.1 Position Sensor
with Incremental Encoder



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com