Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2043 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB2043
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2043 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB2043 Datasheet HTML 1Page - Texas Instruments TUSB2043 Datasheet HTML 2Page - Texas Instruments TUSB2043 Datasheet HTML 3Page - Texas Instruments TUSB2043 Datasheet HTML 4Page - Texas Instruments TUSB2043 Datasheet HTML 5Page - Texas Instruments TUSB2043 Datasheet HTML 6Page - Texas Instruments TUSB2043 Datasheet HTML 7Page - Texas Instruments TUSB2043 Datasheet HTML 8Page - Texas Instruments TUSB2043 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TUSB2043
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS308A – FEBRUARY 1999 – REVISED AUGUST 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Universal Serial Bus (USB) Version 1.1
Compliant
D 32-Pin TQFP Package With a 0.8 mm Pin
Pitch
D 3.3-V Low Power ASIC Logic
D Integrated USB Transceivers
D State Machine Implementation Requires No
Firmware Programming
D One Upstream Port and Four Downstream
Ports
D All Downstream Ports Support Full-Speed
and Low-Speed Operations
D Two Power Source Modes
Self-Powered Mode
Bus-Powered Mode
D Power Switching and Over-Current
Reporting is Provided Ganged or Per Port
D Supports Suspend and Resume Operations
D Supports Programmable Vendor ID and
Product ID With External Serial EEPROM
D 3-State EEPROM Interface Allows EEPROM
Sharing
D Push-Pull Outputs for PWRON Eliminate
the Need for External Pullup Resistors
D Noise Filtering on OVRCUR Provides
Immunity to Voltage Spikes
D Package Pinout Allows 2-Layer PCB
D Migrated From Proven TUSB2040 Hub
D Lower Cost Than the TUSB2040 Hub
description
The TUSB2043 is a 3.3 V CMOS hub device that provides one upstream port and four downstream ports in
compliance with the 1.1 Universal Serial Bus (USB) specification. Because this device is implemented with a
digital state machine instead of a microcontroller, no firmware programming is required. Fully compliant USB
transceivers are integrated into the ASIC for all upstream and downstream ports. The downstream ports support
both full-speed and low-speed devices by automatically setting the slew rate according to the speed of the
device attached to the ports. The configuration of the BUSPWR pin selects either the bus-powered or the
self-powered mode.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VF PACKAGE
(TOP VIEW)
31 30 29 28 27
910
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DP4
DM4
OVRCUR4
PWRON4
DP3
DM3
OVRCUR3
PWRON3
DP0
DM0
VCC
RESET
EECLK
EEDATA/GANGED
GND
BUSPWR
32
26
11 12 13 14 15 16
25


Similar Part No. - TUSB2043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2040 TI-TUSB2040 Datasheet
262Kb / 17P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040AN TI-TUSB2040AN Datasheet
262Kb / 17P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040APT TI-TUSB2040APT Datasheet
262Kb / 17P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results

Similar Description - TUSB2043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BIVFRG4 TI-TUSB2046BIVFRG4 Datasheet
1Mb / 25P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com