Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2046 Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB2046
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB2046 Datasheet HTML 8Page - Texas Instruments TUSB2046 Datasheet HTML 9Page - Texas Instruments TUSB2046 Datasheet HTML 10Page - Texas Instruments TUSB2046 Datasheet HTML 11Page - Texas Instruments TUSB2046 Datasheet HTML 12Page - Texas Instruments TUSB2046 Datasheet HTML 13Page - Texas Instruments TUSB2046 Datasheet HTML 14Page - Texas Instruments TUSB2046 Datasheet HTML 15Page - Texas Instruments TUSB2046 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
TUSB2046
4-PORT HUB FOR THE UNIVERSAL SERIAL BUS
WITH OPTIONAL SERIAL EEPROM INTERFACE
SLLS330A – FEBRUARY 1999 – REVISED AUGUST 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
VF (S-PQFP-G32)
PLASTIC QUAD FLATPACK
4040172 / C 10/96
0,13 NOM
0,25
0,45
0,75
0,05 MIN
Gage Plane
0,30
0,45
16
17
9
8
SQ
25
24
7,20
6,80
32
1
5,60 TYP
SQ
8,80
9,20
1,45
1,35
1,60 MAX
Seating Plane
0,10
0
°–7°
M
0,22
0,80
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com