Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP112 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 14Page - Texas Instruments TMP112 Datasheet HTML 15Page - Texas Instruments TMP112 Datasheet HTML 16Page - Texas Instruments TMP112 Datasheet HTML 17Page - Texas Instruments TMP112 Datasheet HTML 18Page - Texas Instruments TMP112 Datasheet HTML 19Page - Texas Instruments TMP112 Datasheet HTML 20Page - Texas Instruments TMP112 Datasheet HTML 21Page - Texas Instruments TMP112 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
USING THE SLOPE SPECIFICATIONS WITH A
Power-Supply Level Contribution to Accuracy
Accuracy
= (V
3.3V)
±
-
´
PSR
S
+0.250°C
V
(14)
Accuracy
= (1.8V
3.3V)
±
-
´
PSR
+0.250°C
V
=+0.375°C
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
-
-
-
Temperature( C)
°
Slope1
MAX
Slope2
MAX
Slope3
MAX
Calibrationat+25 CRemovesOffset
°
-40
-20
0
40
60
130
100 110 120
80 90
70
50
20 30
10
-30
-10
TMP112
SBOS473B – MARCH 2009 – REVISED JUNE 2009 ......................................................................................................................................................... www.ti.com
Using the previous example temperature range of
1-POINT CALIBRATION
0°C to +50°C, the worst-case temperature error is
now reduced to the worst-case slopes because the
The initial accuracy assurance at +25°C with the
offset at +25°C (that is, the maximum and minimum
slope regions provides an accuracy that is high
temperature errors of +0.3°C and –0.5°C) is removed.
enough for most applications; however, if higher
Therefore, a user can expect the worst-case accuracy
accuracy is desired, this increase can be achieved
to improve to +0.175°C.
with a 1-point calibration at +25°C. This calibration
removes the offset at room temperature, thereby
reducing
the
source
of
error
in
a
TMP112
temperature reading down to the curvature. Figure 20
The superior accuracy that can be achieved with the
shows the error of a calibrated TMP112.
TMP112 is complemented by its immunity to dc
variations from a 3.3V supply voltage. This immunity
is important because it spares the user from having to
use another LDO to produce 3.3V to achieve
accuracy. Nevertheless, the noise quantization that
results from changing supply can add some slight
change in temperature measurement accuracy. As an
example, if the user chooses to operate at 1.8V, the
worst-case expected change in accuracy can be
calculated by Equation 14:
(15)
This example is a worst-case accuracy contribution
Figure 20. Calibrated Accuracy and Slope Curves
as a result of variation in power supply that should be
versus Temperature
added to the accuracy + slope maximum.
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com