Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4065L Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4065L
Description  Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4065L Datasheet(HTML) 1 Page - Linear Technology

  LTC4065L Datasheet HTML 1Page - Linear Technology LTC4065L Datasheet HTML 2Page - Linear Technology LTC4065L Datasheet HTML 3Page - Linear Technology LTC4065L Datasheet HTML 4Page - Linear Technology LTC4065L Datasheet HTML 5Page - Linear Technology LTC4065L Datasheet HTML 6Page - Linear Technology LTC4065L Datasheet HTML 7Page - Linear Technology LTC4065L Datasheet HTML 8Page - Linear Technology LTC4065L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC4065L/LTC4065LX
4065lxfa
■ Charger for Li-Ion Coin Cell Batteries
■
Portable MP3 Players, Wireless Headsets
■
Bluetooth Applications
Standalone 250mA Li-Ion
Battery Charger in 2
× 2 DFN
■
Charge Current Programmable up to 250mA with
5% Accuracy
■
Complete Linear Charger in 2mm
××××× 2mm DFN
Package
■
C/10 Charge Current Detection Output
■
Timer Termination
■
No External MOSFET, Sense Resistor or Blocking
Diode Required
■
Preset 4.2V Float Voltage with 0.6% Accuracy
■
Constant-Current/Constant-Voltage Operation with
Thermal Feedback to Maximize Charging Rate
Without Risk of Overheating
■
Charge Current Monitor Output for Gas Gauging
■
Automatic Recharge
■
Charges Single Cell Li-Ion Batteries Directly from
USB Port
■
20
µA Supply Current in Shutdown Mode
■ Soft-Start Limits Inrush Current
■ Available Without Trickle Charge (LTC4065LX)
■ Tiny 6-Lead (2mm
× 2mm) DFN Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®4065L is a complete constant-current/constant-
voltage linear charger for single-cell lithium-ion batteries.
Its small size and ability to accurately regulate low charge
currents make the LTC4065L especially well-suited for
portable applications using low capacity rechargeable
lithium-ion cells. Furthermore, LTC4065L is specifically
designed to work within USB power specifications.
The CHRG pin indicates when charge current has dropped
to ten percent of its programmed value (C/10). An internal
timer terminates charging according to battery manufac-
turer specifications.
No external sense resistor or blocking diode is required
due to the internal MOSFET architecture. Thermal feed-
back regulates charge current to limit the die temperature
during high power operation or high ambient temperature
conditions.
When the input supply (wall adapter or USB supply) is
removed, the LTC4065L automatically enters a low cur-
rent state, dropping battery drain current to less than 1
µA.
With power applied, LTC4065L can be put into shutdown
mode, reducing the supply current to less than 20
µA.
The full-featured LTC4065L also includes automatic re-
charge, low-battery charge conditioning (trickle charging)
and soft-start (to limit inrush current).
The LTC4065L is available in a tiny 6-lead, low profile
(0.75mm) 2mm
× 2mm DFN package.
Standalone Li-Ion Battery Charger
+
VCC
R1
510
Ω
100mA
R3
2k
4065L TA01
4.2V
Li-Ion
BATTERY
VIN
4.3V TO 5.5V
C1
1
µF
LTC4065L
CHRG
EN
BAT
PROG
GND
■
Multifunction Wristwatches
Complete Charge Cycle (180mAh Battery)
TIME (HOURS)
0
30
90
100
110
1
2
2.5
4065 TA02
10
70
50
20
80
0
60
40
4.3
3.5
4.1
3.3
3.9
3.7
0.5
1.5
3
3.5
4
4.5
CONSTANT
CURRENT
CONSTANT
VOLTAGE
CHRG
TRANSITION
CHARGE
TERMINATION
VCC = 5V
RPROG = 2k
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6522118, 6700364.


Similar Part No. - LTC4065L

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LX LINER-LTC4065LX_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
More results

Similar Description - LTC4065L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
LTC4065LX LINER-LTC4065LX_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com