Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200CPAH Datasheet(PDF) 61 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 61 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 57Page - Texas Instruments TUSB3200CPAH Datasheet HTML 58Page - Texas Instruments TUSB3200CPAH Datasheet HTML 59Page - Texas Instruments TUSB3200CPAH Datasheet HTML 60Page - Texas Instruments TUSB3200CPAH Datasheet HTML 61Page - Texas Instruments TUSB3200CPAH Datasheet HTML 62Page - Texas Instruments TUSB3200CPAH Datasheet HTML 63Page - Texas Instruments TUSB3200CPAH Datasheet HTML 64Page - Texas Instruments TUSB3200CPAH Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 93 page
background image
A–13
A.4.4.5 USB In Endpoint – X Buffer Base Address Byte (IEPBBAXx)
The USB in endpoint X buffer base address byte contains the 8-bit value used to specify the base memory location
for the X data buffer for a particular USB in endpoint.
Bit
7
6
5
4
3
2
1
0
Mnemonic
BBAX10
BBAX9
BBAX8
BBAX7
BBAX6
BBAX5
BBAX4
BBAX3
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
BBAX(10:3)
X Buffer base address
The X buffer base address value is set by the MCU to program the base address
location in memory to be used for the X data buffer. A total of 11 bits is used to specify
the base address location. This byte specifies the most significant 8 bits of the
address. All 0s are used by the hardware for the three least significant bits.
A.4.4.6 USB In Endpoint – Configuration Byte (IEPCNFx)
The USB in endpoint configuration byte contains the various bits used to configure and control the endpoint. Note
that the bits in this byte take on different functionality based on the type of endpoint defined. Basically, the control,
interrupt and bulk endpoints function differently than the isochronous endpoints.
A.4.4.6.1 USB In Endpoint – Control, Interrupt or Bulk Configuration Byte
This section defines the functionality of the bits in the USB in endpoint configuration byte for control, interrupt, and
bulk endpoints.
Bit
7
6
5
4
3
2
1
0
Mnemonic
IEPEN
ISO
TOGGLE
DBUF
STALL
IEPIE
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
IEPEN
Endpoint enable
The endpoint enable bit is set to a 1 by the MCU to enable the in endpoint. This bit
does not affect the reception of the control endpoint setup stage transaction.
6
ISO
Isochronous endpoint
The isochronous endpoint bit is set to a 1 by the MCU to specify the use of a
particular in endpoint for isochronous transactions. This bit should be cleared to a 0
by the MCU to use a particular in endpoint for control, interrupt, or bulk transactions.
5
TOGGLE
Toggle
The toggle bit is controlled by the UBM and is toggled at the end of a successful in
data stage transaction if a valid data packet is transmitted. If this bit is a 0, a DATA0
PID is transmitted in the data packet to the host PC. If this bit is a 1, a DATA1 PID is
transmitted in the data packet.
4
DBUF
Double buffer mode
The double buffer mode bit is set to a 1 by the MCU to enable the use of both the X
and Y data packet buffers for USB transactions to a particular in endpoint. This bit
should be cleared to a 0 by the MCU to use the single buffer mode. In the single
buffer mode, only the X buffer is used.
3
STALL
Stall
The stall bit is set to a 1 by the MCU to stall endpoint transactions. When this bit is
set, the hardware will automatically return a stall handshake to the host PC for any
transaction received for the endpoint.
2
IEPIE
Interrupt enable
The interrupt enable bit is set to a 1 by the MCU to enable the in endpoint interrupt.
See section A.5.7.2 for details on the in endpoint interrupts.
1:0
Reserved
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com