Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200CPAHG4 Datasheet(PDF) 68 Page - Texas Instruments

Part # TUSB3200CPAHG4
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAHG4 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TUSB3200CPAHG4 Datasheet HTML 64Page - Texas Instruments TUSB3200CPAHG4 Datasheet HTML 65Page - Texas Instruments TUSB3200CPAHG4 Datasheet HTML 66Page - Texas Instruments TUSB3200CPAHG4 Datasheet HTML 67Page - Texas Instruments TUSB3200CPAHG4 Datasheet HTML 68Page - Texas Instruments TUSB3200CPAHG4 Datasheet HTML 69Page - Texas Instruments TUSB3200CPAHG4 Datasheet HTML 70Page - Texas Instruments TUSB3200CPAHG4 Datasheet HTML 71Page - Texas Instruments TUSB3200CPAHG4 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
A–20
A.5.1.5 USB Frame Number Register (Low Byte) (USBFNL – Address FFFBh)
The USB frame number register (low byte) contains the least significant byte of the 11-bit frame number value
received from the host PC in the start-of-frame packet.
Bit
7
6
5
4
3
2
1
0
Mnemonic
FN7
FN6
FN5
FN4
FN3
FN2
FN1
FN0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
FN(7:0)
Frame number
The frame number bit values are updated by hardware each USB frame with the
frame number field value received in the USB start-of-frame packet. The frame
number can be used as a time stamp by the USB function. If the TUSB3200 frame
timer is not locked to the host PC frame timer, then the frame number is incremented
from the previous value when a pseudo start-of-frame occurs.
A.5.1.6 USB Frame Number Register (High Byte) (USBFNH – Address FFFAh)
The USB frame number register (high byte) contains the most significant 3 bits of the 11-bit frame number value
received from the host PC in the start-of-frame packet.
Bit
7
6
5
4
3
2
1
0
Mnemonic
—
—
—
—
—
FN10
FN9
FN8
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:3
—
Reserved
Reserved for future use.
2:0
FN(10:8)
Frame number
The frame number bit values are updated by hardware each USB frame with the
frame number field value received in the USB start-of-frame packet. The frame
number can be used as a time stamp by the USB function. If the TUSB3200 frame
timer is not locked to the host PC frame timer, then the frame number is incremented
from the previous value when a pseudo start-of-frame occurs.
A.5.2
DMA Registers
This section describes the memory-mapped registers used for the four DMA channels. Each DMA channel has a set
of three registers.
A.5.2.1 DMA Channel 3 Time Slot Assignment Register (Low Byte) (DMATSL3 – Address FFF9h)
The DMA channel 3 time slot assignment register (low byte) contains the eight least significant time slot bits. The time
slot assignment bits are used to define which CODEC port interface time slots are supported by DMA channel 3. The
DMA channel will control the transfer of data between the USB endpoint buffers and the CODEC port interface
registers based on which bits are set. The direction of the data transfer depends on the value of the USB endpoint
direction bit (EPDIR) in the DMA channel 3 control register. The desired time slot bits should be set by the MCU before
the DMA channel is enabled. There are a total of fourteen time slot bits for each DMA channel.
Bit
7
6
5
4
3
2
1
0
Mnemonic
TSL7
TSL6
TSL5
TSL4
TSL3
TSL2
TSL1
TSL0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
TSL(7:0)
Time slot assignment
The DMA time slot assignment bits are set to a 1 by the MCU to define the CODEC
port interface time slots supported by this DMA channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com