Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP6000CPFP Datasheet(PDF) 39 Page - Texas Instruments

Part # TVP6000CPFP
Description  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP6000CPFP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TVP6000CPFP Datasheet HTML 35Page - Texas Instruments TVP6000CPFP Datasheet HTML 36Page - Texas Instruments TVP6000CPFP Datasheet HTML 37Page - Texas Instruments TVP6000CPFP Datasheet HTML 38Page - Texas Instruments TVP6000CPFP Datasheet HTML 39Page - Texas Instruments TVP6000CPFP Datasheet HTML 40Page - Texas Instruments TVP6000CPFP Datasheet HTML 41Page - Texas Instruments TVP6000CPFP Datasheet HTML 42Page - Texas Instruments TVP6000CPFP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
2–27
Table 2–17. RCM1 Output Signals
RCM1A
RCM1B
PIN RCM1
DESCRIPTION
0
0
VS
Vertical synchronization (default)
0
1
FS
Frame synchronization
1
0
FSEQ
Field sequence. For NTSC, FSEQ is high in the first field of every four fields.
For PAL, FSEQ is high in the first field of every eight fields.
1
1
N/A
Reserved
Table 2–18 shows the operating modes of pin RCM2 as defined by the SCN (bit 0, subaddress 98), CBLFM2
(bit 6, subaddress 6D), CBLFV2 (bit 2, subaddress 6C), and HSINSEL bits (bit 5, subaddress 6C).
Table 2–18. RCM2 Pin Configurations
SCN
CBLFM2
CBLFV2
HSINSEL
RCM2 PIN
SIGNAL DESCRIPTION
SCN
CBLFM2
CBLFV2
HSINSEL
AS OUTPUT
AS INPUT
SIGNAL DESCRIPTION
0
0
X
X
HSO
No function
As an output, RCM2 is asserted between
BMRQ and EMRQ in every line including
VBI (sub-address 71–73)
0
1
0
0
CBNO
No function
As an output, RCM2 is asserted between
BMRQ and EMRQ in every line excluding
VBI.
0
1
0
1
CBNO
CBNI
As an input, RCM2 is used for composite
blanking. As an output, RCM2 is asserted
between BMRQ and EMRQ in every line
excluding VBI.
0
1
1
X
CBNO
No function
As an output, RCM2 is asserted between
BMRQ and EMRQ in every line excluding
VBI.
1
X
X
X
RQO
Reserved
As an output only. RCM2 is used as
request for pixels. When asserted, this
signal sources the pixel on the bus at the
clock edge and informs external logic to
output next pixel.
Table 2–19. Encoding Setting
L21ENA
L21ENB
LINE 21 ENCODING MODE
0
0
Line 21 encoding off
0
1
Enables encoding in first field (odd field)
1
0
Enables encoding in second field (even field)
1
1
Enables encoding both fields



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com