Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17HE-R13150-74-FA Datasheet(PDF) 8 Page - DDK Ltd.

Part # 17HE-R13150-74-FA
Description  MIL-C-24308-Compatible High-Density Crimp Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17HE-R13150-74-FA Datasheet(HTML) 8 Page - DDK Ltd.

  17HE-R13150-74-FA Datasheet HTML 1Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 2Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 3Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 4Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 5Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 6Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 7Page - DDK Ltd. 17HE-R13150-74-FA Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
●
  ●
17HE Series
●Manual wiring tool
  Designation- 357J-14443 (compatible wires :
AWG #26 to 30)
●Tool for inserting/removing contact
  Designation : 357J-10629
●Tool for erecting contact ratch
  Designation : 357J-10628
●Semi-automatic crimping machine
 
Tools
Contact-Removing side
Contact-Inserting side
Stripper crimper
Designation : AP-A13980 (including press unit)
Power supply : AC100V (0.2kW)
Weight : 88kg
Crimper
Designation : AP-A13981 (including press unit)
Power supply : AC100V
Weight : 45kg
8
L
17HE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com