Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F501 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # F501
Description  U.L. Approved Dual Function Fuse Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

F501 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  F501 Datasheet HTML 1Page - IRC - a TT electronics Company. F501 Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
F500 Series Issue October 2008 Sheet 2 of 2
IRC Advanced Film Division
U.L. Approved Dual Function
Fuse Resistors
Physical Data
0.140 ± 0.015
(3.6 ± 0.4mm)
0.400 Max
(10.2 mm)
Lead
Length
1.25 Min
(31.75mm)
(Lead Diameter #24 Awg)
0.020” (0.5mmA)
Ordering Data
Contact factory for ordering information.
Capability Data
Resistance Range
0.2
Ω to 200Ω
Resistance Tolerance
10% STD, 5% and 2%
Operating Temperature
-55°C to +150°C
TCR
±150ppm <1W, ±50ppm, 1W and above
Construction
Intrinsically safe single fusing element - all welded construction - ceramic bobbin - ceramic
shell, air encapsulated.
Flameproof construction
Various quality assurance data options available, including conditioning and plot of blow
time vs. current.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com