Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2925 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2925
Description  ARM9 microcontroller with CAN, LIN, and USB
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2925 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2925 Datasheet HTML 1Page - NXP Semiconductors LPC2925 Datasheet HTML 2Page - NXP Semiconductors LPC2925 Datasheet HTML 3Page - NXP Semiconductors LPC2925 Datasheet HTML 4Page - NXP Semiconductors LPC2925 Datasheet HTML 5Page - NXP Semiconductors LPC2925 Datasheet HTML 6Page - NXP Semiconductors LPC2925 Datasheet HTML 7Page - NXP Semiconductors LPC2925 Datasheet HTML 8Page - NXP Semiconductors LPC2925 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
LPC2921_23_25_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 June 2009
2 of 83
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB
I Other peripherals:
N Two 10-bit ADCs, 8-channels each, with 3.3 V measurement range provide 8
analog inputs each with conversion times as low as 2.44
µs per channel. Each
channel provides a compare function to minimize interrupts.
N Multiple trigger-start option for all ADCs: timer, PWM, other ADC and external
signal input.
N Four 32-bit timers each containing four capture-and-compare registers linked to
I/Os.
N Four six-channel PWMs (Pulse-Width Modulators) with capture and trap
functionality.
N Two dedicated 32-bit timers to schedule and synchronize PWM and ADC.
N Quadrature encoder interface that can monitor one external quadrature encoder.
N 32-bit watchdog with timer change protection, running on safe clock.
I Up to 60 general-purpose I/O pins with programmable pull-up, pull-down, or bus
keeper.
I Vectored Interrupt Controller (VIC) with 16 priority levels.
I Up to 16 level-sensitive external interrupt pins, including USB, CAN and LIN wake-up
features.
I Configurable clock out pin for driving external system clocks.
I Processor wake-up from power-down via external interrupt pins and CAN or LIN
activity.
I Flexible Reset Generator Unit (RGU) able to control resets of individual modules.
I Flexible Clock-Generation Unit (CGU) able to control clock frequency of individual
modules:
N On-chip very low-power ring oscillator; fixed frequency of 0.4 MHz; always on to
provide a Safe_Clock source for system monitoring.
N On-chip crystal oscillator with a recommended operating range from 10 MHz to
25 MHz. PLL input range 10 MHz to 25 MHz.
N On-chip PLL allows CPU operation up to a maximum CPU rate of 125 MHz.
N Generation of up to 11 base clocks.
N Seven fractional dividers.
I Second, dedicated CGU with its own PLL generates the USB clock and a configurable
clock output.
I Highly configurable system Power Management Unit (PMU):
N clock control of individual modules.
N allows minimization of system operating power consumption in any configuration.
I Standard ARM test and debug interface with real-time in-circuit emulator.
I Boundary-scan test supported.
I ETM/ETB debug functions with 8 kB of dedicated SRAM also accessible for
application code and data storage.
I Dual power supply:
N CPU operating voltage: 1.8 V ± 5%.
N I/O operating voltage: 2.7 V to 3.6 V; inputs tolerant up to 5.5 V.
I 100-pin LQFP package.
I −40 °C to +85 °C ambient operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com