Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA2003 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA2003
Description  32 kHz watch circuit with programmable adaptive motor pulse and pulse period
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2003 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA2003_09 Datasheet HTML 1Page - NXP Semiconductors PCA2003_09 Datasheet HTML 2Page - NXP Semiconductors PCA2003_09 Datasheet HTML 3Page - NXP Semiconductors PCA2003_09 Datasheet HTML 4Page - NXP Semiconductors PCA2003_09 Datasheet HTML 5Page - NXP Semiconductors PCA2003_09 Datasheet HTML 6Page - NXP Semiconductors PCA2003_09 Datasheet HTML 7Page - NXP Semiconductors PCA2003_09 Datasheet HTML 8Page - NXP Semiconductors PCA2003_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
PCA2003_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 July 2009
5 of 21
NXP Semiconductors
PCA2003
32 kHz watch circuit with programmable adaptive motor pulse
7.2 Step detection
Figure 5 shows a simplified diagram of the motor driving and step detection circuit, and
Figure 6 shows the step detection sequence and corresponding sampling current.
Between the motor driving pulses, the switches P1 and P2 are closed, which means the
motor is short-circuited. For a pulse in one direction, P1 and N2 are open, and P2 and N1
are closed with the appropriate duty cycle; for a pulse in the opposite direction, P2 and N1
are open, and P1 and N2 closed.
Fig 4.
Possible modulations for a 3.9 ms motor pulse
43.75 %
37.5 %
DUTY CYCLE
50 %
56.25 %
62.5 %
68.75 %
75 %
81.25 %
100 %
mgw351
0.244 ms
0.122 ms
0.98 ms
0.98 ms
0.98 ms
0.98 ms
Fig 5.
Simplified diagram of motor driving and step detection circuit
mgw352
VDD
VSS
MOTOR
MOT1
N1
P1
D1
RD
N2
P2
P4
P3
MOT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com