Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8579H/1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8579H/1
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579H/1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8579H/1 Datasheet HTML 8Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 9Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 10Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 11Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 12Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 13Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 14Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 15Page - NXP Semiconductors PCF8579H/1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
12 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
Vstate1(t) = C1(t) − R1(t).
Vstate2(t) = C2(t) − R2(t).
Fig 8.
LCD drive mode waveform for 1:16 multiplex rate
msa836
VDD
V2
V3
V4
V5
VLCD
VDD
V2
V3
V4
V5
VLCD
VDD
V2
V3
V4
V5
VLCD
VDD
V2
V3
V4
V5
VLCD
Tfr
ROW 1
R1 (t)
ROW 2
R2 (t)
COL 1
C1 (t)
COL 2
C2 (t)
dot matrix
1:16 multiplex rate
state 1 (OFF)
state 2 (ON)
0.2 Voper
0.2 Voper
0 V
Voper
Voper
Vstate 1(t)
Vstate 2(t)
0.2 Voper
0.2 Voper
0 V
Voper
Voper
0.6 Voper
0.6 Voper
V
on RMS
()
V
oper
-----------------------
1
16
------
16
1
–
16
16
1
+
()
------------------------------
+
0.316
=
=
V
off RMS
()
V
oper
------------------------
216
1
–
()
16
16
1
+
()2
-------------------------------------
0.254
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com