Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8920C Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8920C
Description  2 쨈 110 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8920C Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8920C Datasheet HTML 17Page - NXP Semiconductors TDA8920C Datasheet HTML 18Page - NXP Semiconductors TDA8920C Datasheet HTML 19Page - NXP Semiconductors TDA8920C Datasheet HTML 20Page - NXP Semiconductors TDA8920C Datasheet HTML 21Page - NXP Semiconductors TDA8920C Datasheet HTML 22Page - NXP Semiconductors TDA8920C Datasheet HTML 23Page - NXP Semiconductors TDA8920C Datasheet HTML 24Page - NXP Semiconductors TDA8920C Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TDA8920C_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
21 of 39
NXP Semiconductors
TDA8920C
2
× 110 W class-D power amplifier
The most effective way to avoid pumping effects is to connect the TDA8920C in a mono
full-bridge configuration. In the case of stereo single-ended applications, it is advised to
connect the inputs in anti-phase (see Section 8.4 on page 11). The power supply can also
be adapted; for example, by increasing the values of the supply line decoupling
capacitors.
13.7 Application schematic
Notes on the application schematic:
• Connect a solid ground plane around the switching amplifier to avoid emissions
• Place 100 nF capacitors as close as possible to the TDA8920C power supply pins
• Connect the heatsink to the ground plane or to VSSPn using a 100 nF capacitor
• Use a thermally conductive, electrically non-conductive, Sil-Pad between the
TDA8920C heat spreader and the external heatsink
• The heat spreader of the TDA8920C is internally connected to VSSD
• Use differential inputs for the most effective system level audio performance with
unbalanced signal sources. In case of hum due to floating inputs, connect the
shielding or source ground to the amplifier ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com