Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599ATH Datasheet(PDF) 37 Page - NXP Semiconductors

Part # TDF8599ATH
Description  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599ATH Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button TDF8599ATH Datasheet HTML 33Page - NXP Semiconductors TDF8599ATH Datasheet HTML 34Page - NXP Semiconductors TDF8599ATH Datasheet HTML 35Page - NXP Semiconductors TDF8599ATH Datasheet HTML 36Page - NXP Semiconductors TDF8599ATH Datasheet HTML 37Page - NXP Semiconductors TDF8599ATH Datasheet HTML 38Page - NXP Semiconductors TDF8599ATH Datasheet HTML 39Page - NXP Semiconductors TDF8599ATH Datasheet HTML 40Page - NXP Semiconductors TDF8599ATH Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
37 of 54
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
Example 2:
• VP = 14.4 V
• Po =2 × (25W/10)=2 × 2.5 W into 4 Ω (audio with crest factor of 10)
• Tamb =25 °C
• Pmax = 2.5 W
• Rth(j-a) =19K/W
• Tj(max) =25 °C + (2.5 W × 19 K/W) = 72 °C
14.6 Curves measured in reference design
(1) VP = 14.4 V; RL =2 Ω at 100 Hz.
(2) VP = 14.4 V; RL =2 Ω at 1 kHz.
(3) VP = 14.4 V, RL =2 Ω at 6 kHz.
(1) VP = 14.4 V; RL =4 Ω at 100 Hz.
(2) VP = 14.4 V; RL =4 Ω at 1 kHz.
(3) VP = 14.4 V, RL =4 Ω at 6 kHz.
Fig 30. THD + N as a function of output power with a
2
Ω load; V
P = 14.4 V
Fig 31. THD + N as a function of output power with a
4
Ω load; VP = 14.4 V
001aaj185
Po (W)
10−1
102
10
1
10−1
10−2
10
1
102
THD + N
(%)
10−3
(1)
(2)
(3)
001aaj186
Po (W)
10−1
102
10
1
10−1
10−2
10
1
102
THD + N
(%)
10−3
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com