Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OAR3R100F Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # OAR3R100F
Description  Open Air Current Sense Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

OAR3R100F Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  OAR3R100F Datasheet HTML 1Page - IRC - a TT electronics Company. OAR3R100F Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions (Inches and (mm))
IRC
Type
A
B
C
E
F
OAR-1
0.450 +0.040/-0.020
(11.43 +1.020/-0.508)
0.200 ±0.100
(5.08 ±2.54)
0.125 ±0.030
(3.18 ±0.762)
0.065 +0.010/-0.005
(1.65 +0.254/-0.127)
0.040 ±0.002
(1.02 ±0.051)
OAR-3
0.600 +0.040/-0.020
(15.24 +1.020/0.508)
0.600 Typ
(15.3 max.)
0.125 ±0.030
(3.18 ±0.762)
0.065 +0.010/-0.005
(1.65 +0.254/-0.127)
0.040 ±0.002
(1.02 ±0.051)
OAR-5
0.800 +0.040/-0.020
(20.32 +1.020/-0.508)
0.350 Typ
(8.9 max.)
0.125 ±0.030
(3.18 ±0.762)
0.065 +0.010/-0.005
(1.65 +0.254/-0.127)
0.040 ±0.002
(1.02 ±0.051)
Sample Part No.
IRC Style
OAR
Power Rating in Watts
1 = 1W
3 = 3W
5 = 5W
Resistance Range
‘R’ indicates decimal point location
Tolerance
F = ±1%, G = ±2%, J = ±5%
RoHS Indicator
LF indicates RoHS compliance
Blank indicates Sn/Pb terminal
tinning; available on special request
Ordering Data
OAR
1
R100
F
LF
Open Air
Current Sense Resistors
B
C
A
E
F
On lower ranges stand-off may be
eliminated
NOTE:
Contact factory for:
1. Variations of “A” dimension.
2. Different lead diameter.
Test Point (Kelvin connection)
OAR Series Issue November 2008 Sheet 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com