Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD682 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BD682
Description  Plastic Medium-Power Silicon PNP Darlingtons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD682 Datasheet(HTML) 2 Page - Motorola, Inc

  BD682 Datasheet HTML 1Page - Motorola, Inc BD682 Datasheet HTML 2Page - Motorola, Inc BD682 Datasheet HTML 3Page - Motorola, Inc BD682 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD676 BD676A BD678 BD678A BD680 BD680A BD682
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(1)
BD676, 676A
(IC = 50 mAdc, IB = 0)
BD678, 678A
BD680, 680A
BD682
BVCEO
45
60
80
100
—
—
—
—
Vdc
Collector Cutoff Current (VCE = Half Rated VCEO, IB = 0)
ICEO
—
500
µAdc
Collector Cutoff Current
(VCB = Rated BVCEO, IE = 0)
(VCB = Rated BVCEO. IE = 0, TC = 100°C)
ICBO
—
—
0.2
2.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
—
2.0
mAdc
ON CHARACTERISTICS
DC Current Gain(1)
(IC = 1.5 Adc, VCE = 3.0 Vdc)
BD676, 678, 680, 682
(IC = 2.0 Adc, VCE = 3.0 Vdc)
BD676A, 678A, 680A
hFE
750
750
—
—
Collector–Emitter Saturation Voltage(1)
(IC = 1.5 Adc, IB = 30 mAdc)
BD678, 680, 682
(IC = 2.0 Adc, IB = 40 mAdc)
BD676A, 678A, 680A
VCE(sat)
—
—
2.5
2.8
Vdc
Base–Emitter On Voltage(1)
(IC = 1.5 Adc, VCE = 3.0 Vdc)
BD678, 680, 682
(IC = 2.0 Adc, VCE = 3.0 Vdc)
BD676A, 678A, 680A
VBE(on)
—
—
2.5
2.5
Vdc
DYNAMIC CHARACTERISTICS
Small–Signal Current Gain (IC = 1.5 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
hfe
1.0
—
—
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
Figure 2. DC Safe Operating Area
5.0
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
1.0
0.5
0.05
2.0
5.0
10
50
100
BONDING WIRE LIMIT
THERMAL LIMIT at TC = 25°C
SECONDARY BREAKDOWN LIMIT
0.2
0.1
TC = 25°C
BD676, 676A
BD678, 678A
BD680, 680A
BD682
20
There are two limitations on the power handling ability of a
transistor average junction temperature and secondary
breakdown. Safe operating area curves indicate IC – VCE lim-
its of the transistor that must be observed for reliable opera-
tion; e.g., the transistor must not be subjected to greater
dissipation than the curves indicate.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by secondary breakdown.
Figure 3. Darlington Circuit Schematic
BASE
PNP
BD676, 676A
BD678, 678A
BD680, 680A
BD682
COLLECTOR
EMITTER
[ 8.0 k
[ 120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com