Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75412WS Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC75412WS
Description  Electronic Volume Controller for Car Audio Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75412WS Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC75412WS Datasheet HTML 1Page - Sanyo Semicon Device LC75412WS Datasheet HTML 2Page - Sanyo Semicon Device LC75412WS Datasheet HTML 3Page - Sanyo Semicon Device LC75412WS Datasheet HTML 4Page - Sanyo Semicon Device LC75412WS Datasheet HTML 5Page - Sanyo Semicon Device LC75412WS Datasheet HTML 6Page - Sanyo Semicon Device LC75412WS Datasheet HTML 7Page - Sanyo Semicon Device LC75412WS Datasheet HTML 8Page - Sanyo Semicon Device LC75412WS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LC75412WS
No.A1354-5/19
Control Timing and Data Format
To control the LC75412WS input specified serial data to the DI, CE, and CL pins.
The data configuration consists of a total of 52 bits broken down into 8 address bits and 44 data bits.
1) Address code (B0 to A3)
The LC75412WS use 8-bit address code and can be used in common with ICs that support SANYO’s CCB serial bus.
Address Code
B0
B1
B2
B3
A0
A1
A2
A3
(LSB)
1
0
0
0
0
0
0
1
(81HEX)
2) Control code allocation
Input Switching Control
D0
D1
D2
Setting
0
0
0
L1 (R1)
1
0
0
L2 (R2)
0
1
0
L3 (R3)
1
1
0
L4 (R4)
0
0
1
L5 (R5)
1
0
1
L6 (R6)
D3
Bit for IC testing: Normally set to 0
Input Gain Control
D4
D5
D6
D7
Operation
0
0
0
0
0dB
1
0
0
0
+1.25dB
0
1
0
0
+2.50dB
1
1
0
0
+3.75dB
0
0
1
0
+5.00dB
1
0
1
0
+6.25dB
0
1
1
0
+7.50dB
1
1
1
0
+8.75dB
0
0
0
1
+10.00dB
1
0
0
1
+11.25dB
0
1
0
1
+12.50dB
1
1
0
1
+13.75dB
0
0
1
1
+15.00dB
1
0
1
1
+16.25dB
0
1
1
1
+17.50dB
1
1
1
1
+18.75dB
1
μs≤TDEST
CE
DI
D43
D42
D41
D40
D39
D38
D5
D4
D3
D2
D0
D1
A3
A2
A1
A0
B3
B2
B1
B0
CL
1
μs
min
1
μs
min
1
μs
min
1
μs
min
1
μs
min
CE
DI
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com