Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE24LB642CS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE24LB642CS
Description  Two Wire Serial Interface EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24LB642CS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE24LB642CS Datasheet HTML 1Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 2Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 3Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 4Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 5Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 6Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 7Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 8Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LE24LB642CS
Pin Assignment
Pin Descriptions
4
1.50 x 1.06 x 0.50(max)
Bottom view
5
6
3
1
2
PIN.1
NC
Nonconnected pin
PIN.2
GND
Ground
PIN.3
VDD
Power supply
PIN.4
WP
Write protect
PIN.5
SCL
Serial clock input
PIN.6
SDA
Serial data input/output
Block Diagram
EEPROM Array
High voltage generator
Serial-parallel converter
Y decoder & Sense AMP
SCL
SDA
Write controller
WP
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
unit
Supply voltage
-0.5 to +4.6
V
DC input voltage
-0.5 to VDD+0.5
V
Over-shoot voltage
Below 20ns
-1.0 to VDD+1.0
V
Storage temperature
Tstg
-65 to +150
°C
Note: If an electrical stress exceeding the maximum rating is applied, the device may be damaged.
Operating Conditions
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage
1.7 to 3.6
V
Operating temperature
-40 to +85
°C
No.A1464-2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com