Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25LB643 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LE25LB643
Description  Serial SPI EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB643 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LE25LB643 Datasheet HTML 1Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 2Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 3Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 4Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 5Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 6Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 7Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 8Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Ordering number : ENA1342
Serial SPI EEPROM (SPI Bus)
(64Kbit)
LE25LB643
Overview
The LE25LB643 is a 64Kbit EEPROM that supports serial peripheral interface (SPI). It realizes high speed operation and
high level reliability by incorporating SANYO’s high performance CMOS EEPROM technology. The interface is
compatible with SPI bus protocol, therefore, it is best suited for applications that require small-scale rewritable nonvolatile
parameter memory. Moreover, the LE25LB643 has a 32 bytes page rewrite function that provides rapid data rewriting.
Features
• Capacity
: 64Kbits (8K×8bits)
• Single supply voltage
: 1.8V to 3.6V
• Serial interface
: SPI Mode0, Mode3 supported
• Operating clock frequency
: 5MHz (2.5V to 3.6V), 3MHz (1.8V to 3.6V)
• Low current dissipation
: Standby
: 3
μA (max.)
: Active (Read)
: 1mA (max.)
: Active (Rewrite) : 3mA (max.)
• Page write function
: 32bytes
• Rewrite time
: 10ms
• Number of rewrite times
: 10
6 times/Address
• Data retention period
: 20years
• High reliability
: Adopts SANYO’s proprietary symmetric memory array configuration (USP6947325)
Incorporates a feature to prohibit write operations under low voltage conditions.
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
51309 SY /20090414-S000003 No.NA1342-1/14


Similar Part No. - LE25LB643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
More results

Similar Description - LE25LB643

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
SPI Serial EEPROM
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
SPI Serial EEPROM
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
SPI Serial EEPROM
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com