Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDC01D Datasheet(PDF) 3 Page - Motorola, Inc

Part # BDC01D
Description  One Watt Amplifier Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDC01D Datasheet(HTML) 3 Page - Motorola, Inc

  BDC01D Datasheet HTML 1Page - Motorola, Inc BDC01D Datasheet HTML 2Page - Motorola, Inc BDC01D Datasheet HTML 3Page - Motorola, Inc BDC01D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDC01D
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IC, COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
–0.8
–2.8
1.0
100
10
θVB for VBE
0.5
2.0
5.0
20
50
200
–1.2
–1.6
–2.0
–2.4
500
Figure 5. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
80
60
40
20
10
4.0
TJ = 25°C
Cobo
Cibo
8.0
6.0
Figure 6. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
200
70
50
30
20
10
7.0
5.0
3.0
2.0
300
200
100
70
50
30
VCE = 2.0 V
TJ = 25°C
100
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2 k
1.0
MPSW05
2.0
5.0
Figure 7. Active Region — Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
500
200
100
50
20
10
10
20
60 80 100
MPSW06
100
µs
1.0 ms
1.0 s
TC = 25°C
TA = 25°C
dc
dc
1 k
DUTY CYCLE
≤ 10%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com