Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV4100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV4100
Description  Ultra-compact low-power 3.3-V terrestrial tuner IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV4100 Datasheet(HTML) 1 Page - STMicroelectronics

  STV4100 Datasheet HTML 1Page - STMicroelectronics STV4100 Datasheet HTML 2Page - STMicroelectronics STV4100 Datasheet HTML 3Page - STMicroelectronics STV4100 Datasheet HTML 4Page - STMicroelectronics STV4100 Datasheet HTML 5Page - STMicroelectronics STV4100 Datasheet HTML 6Page - STMicroelectronics STV4100 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
March 2009
Rev 1
1/7
7
STV4100
Ultra-compact low-power 3.3-V terrestrial tuner IC
Features
! RF-to-baseband direct conversion
(IQ interface only)
! Single 3.3-V DC supply
! Input frequency range 174 to 230 MHz and
470 to 870 MHz
! Fully integrated VCO
! Harmonic rejection mixer stage
! Fully integrated RF AGC with RF power
monitoring
! Programmable channel filter covers 6 to 8 MHz
channel spacing
! Low external component count
! Low power consumption (625 mW typical)
! Temperature range -10° C to 70° C
! Crystal frequency output to drive the
demodulator IC
! Compatible with 5-V and 3.3-V I2C bus
! Fully Nordig Unified (versions 1.0.2, 1.0.3, 2.0)
compliant
! DTG (D-Book) compliant
! Digitenne compliant
! VFQFPN-32 5x5x1 mm3, exposed pad down
! ECOPACK, environmentally-friendly package,
RoHS (2002/95/EC) compliant.
Description
The STV4100 terrestrial tuner is a direct-
conversion (zero-IF) receiver with quadrature
outputs intended for digital TV broadcasting.
On each VHF and UHF input is a low noise
amplifier with both switchable and variable gain to
ensure an optimal signal level for the two mixers.
Each mixer, which down-converts the signal to
baseband, is followed by a low-pass filter and
amplifier. The baseband gain is programmable via
a dedicated pin.
The LO signals are provided by an integrated PLL
which contains an on-chip voltage controlled
oscillator meeting stringent phase noise
requirements. The LO frequencies are
programmable.
The comparison frequency for the
phase/frequency detector is generated by dividing
the crystal oscillator reference frequency. The
crystal frequency can be from 16 MHz to 31 MHz
depending on application.
Typical applications
! Terrestrial set-top box
! iDTV
! PCTV
PLL, dividers
Amplifier
VHF_IN
BBIP
I2C Bus Interface
BBIN
BBQP
BBQN
BBAGC
SCL
XTI, XTO
SDA
DC offset compensation
FREF
RFAGC
UHF_IN
www.st.com


Similar Part No. - STV4100

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
STV4.35F160Q CIT-STV4.35F160Q Datasheet
117Kb / 1P
CIT SWITCH
STV4.35F200Q CIT-STV4.35F200Q Datasheet
117Kb / 1P
CIT SWITCH
STV4.35F260Q CIT-STV4.35F260Q Datasheet
117Kb / 1P
CIT SWITCH
STV4.35F520Q CIT-STV4.35F520Q Datasheet
117Kb / 1P
CIT SWITCH
STV4.35LF160Q CIT-STV4.35LF160Q Datasheet
117Kb / 1P
CIT SWITCH
More results

Similar Description - STV4100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TD1600ALF-4 NXP-TD1600ALF-4 Datasheet
490Kb / 27P
Tuner module for digital terrestrial (OFDM) applications
Rev.c-23-04-2007
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
8PSK/QPSK low-power 3.3 V satellite tuner IC
21-Aug-2008
logo
NXP Semiconductors
TDA18250HN NXP-TDA18250HN_11 Datasheet
78Kb / 8P
Cable Silicon Tuner Single 3.3 V power supply
Rev. 2-14 January 2011
logo
Sanyo Semicon Device
LV24003LP SANYO-LV24003LP Datasheet
459Kb / 9P
Ultra-compact FM tuner IC for mobile set
LV24020LP SANYO-LV24020LP Datasheet
446Kb / 9P
Ultra-compact FM tuner IC for mobile set
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
Compact Portable Equipment1-Chip FM Tuner IC
logo
STMicroelectronics
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
8PSK/QPSK low-power 3.3-V satellite tuner IC
29-Nov-2011
STV6120 STMICROELECTRONICS-STV6120 Datasheet
59Kb / 4P
8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
29-Nov-2011
logo
Silicon Laboratories
SI2124 SILABS-SI2124 Datasheet
86Kb / 2P
Digital Terrestrial Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
Digital Terrestrial Set-Top Box Tuner
August 9, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com