Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV634 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSV634
Description  Rail-to-rail input/output 60 μA 880 kHz operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV634 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSV634 Datasheet HTML 12Page - STMicroelectronics TSV634 Datasheet HTML 13Page - STMicroelectronics TSV634 Datasheet HTML 14Page - STMicroelectronics TSV634 Datasheet HTML 15Page - STMicroelectronics TSV634 Datasheet HTML 16Page - STMicroelectronics TSV634 Datasheet HTML 17Page - STMicroelectronics TSV634 Datasheet HTML 18Page - STMicroelectronics TSV634 Datasheet HTML 19Page - STMicroelectronics TSV634 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Application information
TSV63x
16/26
Doc ID 15688 Rev 2
4.8
Macromodel
Two accurate macromodels (with or without shutdown feature) of the TSV63x is available on
STMicroelectronics’ web site at www.st.com. This model is a trade-off between accuracy
and complexity (that is, time simulation) of the TSV63x operational amplifiers. It emulates
the nominal performances of a typical device within the specified operating conditions
mentioned in the datasheet. It also helps to validate a design approach and to select the
right operational amplifier, but it does not replace on-board measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com