Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV624AIPT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV624AIPT
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV624AIPT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV624AIPT Datasheet HTML 7Page - STMicroelectronics TSV624AIPT Datasheet HTML 8Page - STMicroelectronics TSV624AIPT Datasheet HTML 9Page - STMicroelectronics TSV624AIPT Datasheet HTML 10Page - STMicroelectronics TSV624AIPT Datasheet HTML 11Page - STMicroelectronics TSV624AIPT Datasheet HTML 12Page - STMicroelectronics TSV624AIPT Datasheet HTML 13Page - STMicroelectronics TSV624AIPT Datasheet HTML 14Page - STMicroelectronics TSV624AIPT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TSV62x
Electrical characteristics
Doc ID 15689 Rev 2
11/25
Figure 8.
Positive slew rate vs. time
Figure 9.
Negative slew rate vs. time
Figure 10.
Positive slew rate vs. supply
voltage
Figure 11.
Negative slew rate vs. supply
voltage
Figure 12.
Noise vs. frequency
Figure 13.
Distortion + noise vs. frequency
Ω
Vcc=5V
T=25 C
Vicm=4.5V
Vicm=2.5V
Frequency (Hz)
10
100
1000
10000
100000
1E-3
0.01
0.1
1
Vcc=1.5V
Rl=100k
Ω
Ω
Ω
Vcc=1.5V
Rl=10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com