Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV634IPT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV634IPT
Description  Rail-to-rail input/output 60 μA 880 kHz operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV634IPT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV634IPT Datasheet HTML 7Page - STMicroelectronics TSV634IPT Datasheet HTML 8Page - STMicroelectronics TSV634IPT Datasheet HTML 9Page - STMicroelectronics TSV634IPT Datasheet HTML 10Page - STMicroelectronics TSV634IPT Datasheet HTML 11Page - STMicroelectronics TSV634IPT Datasheet HTML 12Page - STMicroelectronics TSV634IPT Datasheet HTML 13Page - STMicroelectronics TSV634IPT Datasheet HTML 14Page - STMicroelectronics TSV634IPT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TSV63x
Electrical characteristics
Doc ID 15688 Rev 2
11/26
Figure 8.
Positive slew rate vs. time
Figure 9.
Negative slew rate vs. time
Figure 10.
Positive slew rate vs. supply
voltage
Figure 11.
Negative slew rate vs. supply
voltage
Figure 12.
Distortion + noise vs. output
voltage
Figure 13.
Distortion + noise vs. frequency
f=1kHz
Gain=1
BW=22kHz
Vicm=Vcc/2
Vcc=1.5V
Rl=2k
Ω
Vcc=5.5V
Rl=2k
Ω
Vcc=1.5V
Rl=100k
Ω
Vcc=5.5V
Rl=100k
Ω
Output Voltage (Vpp)
10
100
1000
10000
100000
1E-3
0.01
0.1
1
Vcc=1.5V
Rl=100k
Ω
Ω
Ω
Vcc=1.5V
Rl=2k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com