Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDB02 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BDB02
Description  One Watt Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDB02 Datasheet(HTML) 2 Page - Motorola, Inc

  BDB02 Datasheet HTML 1Page - Motorola, Inc BDB02 Datasheet HTML 2Page - Motorola, Inc BDB02 Datasheet HTML 3Page - Motorola, Inc BDB02 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BDB02C,D
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
–0.5
–0.7
–1.0
–2.0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–70
–100
–200
200
100
80
60
40
TJ = 125°C
25
°C
–55
°C
VCE = –1.0 V
–300
–500
IB, BASE CURRENT (mA)
Figure 2. Collector Saturation Region
–1.0
–0.8
–0.6
–0.4
–0.2
0
–0.1
–10
–1.0
TJ = 25°C
IC = –10 mA
–0.05
–0.2
–0.5
–2.0
–5.0
–20
–50
–100 mA
–250 mA
–500 mA
–50
mA
IC, COLLECTOR CURRENT (mA)
Figure 3. On Voltages
–1.0
–0.8
–0.6
–0.4
–0.2
0
TJ = 25°C
VBE(on) @ VCE = –1.0 V
VCE(sat) @ IC/IB = 10
–0.5
VBE(sat) @ IC/IB = 10
–1.0
–2.0
–5.0
–10
–20
–50
–100
–200
–500
IC, COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
–0.8
–2.8
–1.0
–100
–10
θVB for VBE
–0.5
–2.0
–5.0
–20
–50
–200
–1.2
–1.6
–2.0
–2.4
–500
Figure 5. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
–100
–50
–20
–10
–5.0
–2.0
–1.0
–0.5
–0.2
–0.1
100
70
50
30
20
5.0
TJ = 25°C
Cobo
Cibo
10
7.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com