Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFR-RFA150LF-01030 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # HFR-RFA150LF-01030
Description  High Frequency Surface Mount Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFA150LF-01030 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  HFR-RFA150LF-01030 Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFA150LF-01030 Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFA150LF-01030 Datasheet HTML 3Page - IRC - a TT electronics Company. HFR-RFA150LF-01030 Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RFAXXX-0 Series Issue February 2009 Sheet 1 of 4
RoHS compliant
Power dissipation up to 150W
High frequency operation up to 3GHz
RFAXXX-0 Series
High Frequency
Surface Mount Attenuators
The RFAXXX-0 series power attenuator has a low VSWR from DC to 3GHz. High frequency performance
combined with high power dissipation make this an ideal RF power attenuator. Typical applications are RF and
microwave power amplifiers, RF transmitters, receivers and meters where a reduction in power is needed while
maintaining transmission line characteristic impedances.
RFA100-0xx
RFA150-0xx
Power Rating @70°C
100W (Heatsinked)
150W (Heatsinked)
Impedance
50Ω
Frequency Range
DC - 3GHz
Operating Temperature Range
-55°C to +155°C
Attenuation
20dB, 30dB
Attenuation Tolerance at DC
±0.4 dB
Terminations
Types 010, 020, 030
Tin (Sn) plated copper
Types 012, 022, 032
Gold (Au) plated copper
Electrical Data


Similar Part No. - HFR-RFA150LF-01030

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFA37DDLF-10GZ00 IRCTT-HFR-RFA37DDLF-10GZ00 Datasheet
619Kb / 4P
High Frequency Surface Mount Attenuators
HFR-RFA37DDLF-1GZ00 IRCTT-HFR-RFA37DDLF-1GZ00 Datasheet
619Kb / 4P
High Frequency Surface Mount Attenuators
HFR-RFA37DDLF-20GZ00 IRCTT-HFR-RFA37DDLF-20GZ00 Datasheet
619Kb / 4P
High Frequency Surface Mount Attenuators
HFR-RFA37DDLF-2GZ00 IRCTT-HFR-RFA37DDLF-2GZ00 Datasheet
619Kb / 4P
High Frequency Surface Mount Attenuators
HFR-RFA37DDLF-30GZ00 IRCTT-HFR-RFA37DDLF-30GZ00 Datasheet
619Kb / 4P
High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-RFA150LF-01030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
Surface Mount Attenuators 8 Watts
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
Thin Film Surface Mount Attenuators
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
Surface Mount Attenuators
logo
IRC - a TT electronics ...
HFR-PAT1220-C-0-T IRCTT-HFR-PAT1220-C-0-T Datasheet
259Kb / 3P
High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-0-T IRCTT-HFR-PAT0510SLF-C-0-T Datasheet
310Kb / 3P
High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
High Frequency Surface Mount Attenuators
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
High Frequency Surface Mount Attenuators
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
Thin Film Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
High Frequency Surface Mount Attenuators
logo
Micronetics, Inc.
8158 MICRONETICS-8158 Datasheet
36Kb / 1P
SURFACE MOUNT ATTENUATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com