Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG7003FN Datasheet(PDF) 3 Page - Sony Corporation

Part # CXG7003FN
Description  Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG7003FN Datasheet(HTML) 3 Page - Sony Corporation

  CXG7003FN Datasheet HTML 1Page - Sony Corporation CXG7003FN Datasheet HTML 2Page - Sony Corporation CXG7003FN Datasheet HTML 3Page - Sony Corporation CXG7003FN Datasheet HTML 4Page - Sony Corporation CXG7003FN Datasheet HTML 5Page - Sony Corporation CXG7003FN Datasheet HTML 6Page - Sony Corporation CXG7003FN Datasheet HTML 7Page - Sony Corporation CXG7003FN Datasheet HTML 8Page - Sony Corporation CXG7003FN Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
– 3 –
CXG7003FN
Pin Description
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
Symbol
LOIN
VDD (LO AMP)
GND
VDD (RF AMP)
GND
GND
ANT1
ANT2
VCTL1
TX
POUT
CAP
VGG
PIN
GND
VDD1
VDD2
VDD3
GND
RX
VCTL2
RFIN
CAP
GND
CAP
IFOUT/VDD
(IF AMP, MIX)
Description
Local signal input pin
VDD pin of local amplifier
GND pin
VDD pin of RF amplifier
GND pin
GND pin
Antenna switch pin.
This pin is ANT1-Tx or ANT1-Rx by setting of VCTL1 and VCTL2.
Antenna switch pin.
This pin is ANT2-Tx or ANT2-Rx by setting of VCTL1 and VCTL2.
Antenna switch control 1 pin
Tx pin. Signal is input to antenna switch during ANT-Tx.
Power amplifier output pin
Connection pin of external capacitor (for noise elimination)
Gate voltage adjustment pin of power amplifier (first stage, middle stage,
rear-end FET)
Signal input pin to power amplifier
GND pin
VDD1 pin of power amplifier (first stage FET)
VDD2 pin of power amplifier (middle stage FET)
VDD3 pin of power amplifier (rear-end FET)
GND pin
Rx pin. ANT input signal is output to this pin during ANT1-Rx or ANT2-Rx.
Antenna switch control 2 pin
RF signal input pin
External capacitor connection pin.
This pin is connected to LNA FET source. RF amplifier characteristic is
optimized during 1.9GHz by the capacitor of 13pF (Typ.).
GND pin
External capacitor connection pin.
IF amplifier distortion is improved by this capacitor.
IF output and IF AMP, MIX VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com