Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C024-55AI Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C024-55AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024-55AI Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C024-55AI Datasheet HTML 13Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 14Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 15Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 16Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 17Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 18Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 19Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 20Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 21Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Document #: 38-06035 Rev. *D
Revised December 09, 2008
Page 21 of 21
All products and company names mentioned in this document may be the trademarks of their respective holders.
CY7C024/024A/0241
CY7C025/0251
© Cypress Semiconductor Corporation, 2001-2008. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of
any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for
medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as
critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems
application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign),
United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of,
and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress
integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without
the express written permission of Cypress.
Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not
assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where
a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress’ product in a life-support systems application implies that the manufacturer
assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Use may be limited by and subject to the applicable Cypress software license agreement.
Document History Page
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer’s representatives, and distributors. To find the office
closest to you, visit us at cypress.com/sales.
Products
PSoC
psoc.cypress.com
Clocks & Buffers
clocks.cypress.com
Wireless
wireless.cypress.com
Memories
memory.cypress.com
Image Sensors
image.cypress.com
PSoC Solutions
General
psoc.cypress.com/solutions
Low Power/Low Voltage
psoc.cypress.com/low-power
Precision Analog
psoc.cypress.com/precision-analog
LCD Drive
psoc.cypress.com/lcd-drive
CAN 2.0b
psoc.cypress.com/can
USB
psoc.cypress.com/usb
Document Title: CY7C024/024A/0241, CY7C025/0251 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with Sem, Int, Busy
Document Number: 38-06035
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
110177
SZV
09/29/01
Change from Spec number: 38-00255 to 38-06035
*A
122286
RBI
12/27/02
Power up requirements added to Maximum Ratings Information
*B
236754
YDT
See ECN
Removed cross information from features section
*C
279132
RUY
See ECN
Added Lead (Pb)-Free packaging information
*D
2623540
VKN/PYRS
12/17/08
Added CY7C024A part
Updated Ordering information table
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com