Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101KA Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY14B101KA
Description  1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101KA Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY14B101KA Datasheet HTML 17Page - Cypress Semiconductor CY14B101KA Datasheet HTML 18Page - Cypress Semiconductor CY14B101KA Datasheet HTML 19Page - Cypress Semiconductor CY14B101KA Datasheet HTML 20Page - Cypress Semiconductor CY14B101KA Datasheet HTML 21Page - Cypress Semiconductor CY14B101KA Datasheet HTML 22Page - Cypress Semiconductor CY14B101KA Datasheet HTML 23Page - Cypress Semiconductor CY14B101KA Datasheet HTML 24Page - Cypress Semiconductor CY14B101KA Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PRELIMINARY
CY14B101KA/CY14B101MA
Document #: 001-42880 Rev. *C
Page 21 of 29
Software Controlled STORE/RECALL Cycle
Parameters[31, 32]
Description
20 ns
25 ns
45 ns
Unit
Min
Max
Min
Max
Min
Max
tRC
STORE/RECALL Initiation Cycle Time
20
25
45
ns
tSA
Address Setup Time
0
0
0
ns
tCW
Clock Pulse Width
15
20
30
ns
tHA
Address Hold Time
0
0
0
ns
tRECALL
RECALL Duration
200
200
200
µs
tSS
[33, 34]
Soft Sequence Processing Time
100
100
100
µs
Switching Waveforms
Figure 13. CE & OE Controlled Software STORE/RECALL Cycle [32]
Figure 14. AutoStore Enable/Disable Cycle
t
RC
t
RC
t
SA
t
CW
tCW
tSA
tHA
t
LZCE
t
HZCE
tHA
t
HA
t
HA
t
STORE/tRECALL
t
HHHD
tLZHSB
High Impedance
Address #1
Address #6
Address
CE
OE
HSB(STOREonly)
DQ (DATA)
RWI
tDELAY Note
35
t
RC
t
RC
t
SA
t
CW
t
CW
t
SA
tHA
tLZCE
t
HZCE
t
HA
t
HA
t
HA
t
DELAY
Address #1
Address #6
Address
CE
OE
DQ (DATA)
t
SS
Note
35
Notes
31. The software sequence is clocked with CE controlled or OE controlled reads.
32. The six consecutive addresses must be read in the order listed in Table 1. WE must be HIGH during all six consecutive cycles.
33. This is the amount of time it takes to take action on a soft sequence command. Vcc power must remain HIGH to effectively register command.
34. Commands such as STORE and RECALL lock out I/O until operation is complete which further increases this time. See the specific command.
35. DQ output data at the sixth read may be invalid since the output is disabled at tDELAY time.
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com