Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3754 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3754
Description  16-Channel 횞 50mA LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3754 Datasheet HTML 20Page - Linear Technology LT3754 Datasheet HTML 21Page - Linear Technology LT3754 Datasheet HTML 22Page - Linear Technology LT3754 Datasheet HTML 23Page - Linear Technology LT3754 Datasheet HTML 24Page - Linear Technology LT3754 Datasheet HTML 25Page - Linear Technology LT3754 Datasheet HTML 26Page - Linear Technology LT3754 Datasheet HTML 27Page - Linear Technology LT3754 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3754
28
3754f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0809 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT3755/LT3755-1 High Side 40V, 1MHz LED Controller with
True Color 3,000:1 PWM Dimming
VIN(MIN) = 4.5V, VIN(MAX) = 40V, VOUT(MAX) = 60V, 3,000:1 True Color PWM Dimming,
ISD = <1μA, 3mm × 3mm QFN-16 MSOP-16E
LT3756/LT3756-1 High Side 100V, 1MHz LED Controller with
True Color 3,000:1 PWM Dimming
VIN(MIN) = 6.0V, VIN(MAX) = 100V, VOUT(MAX) = 100V, 3,000:1 True Color PWM Dimming,
ISD = <1μA, 3mm × 3mm QFN-16 MSOP-16E
LT3598
44V, 1.5A, 2.5MHz Boost 6-Channel 20mA
LED Driver
VIN(MIN) = 3V, VIN(MAX) = 30V(40VMAX), VOUT(MAX) = 44V, 1,000:1 True Color PWM
Dimming, ISD = <1μA, 4mm × 4mm QFN-24
LT3599
44V, 2A, 2.5MHz Boost 4-Channel 100mA
LED Driver
VIN(MIN) = 3V, VIN(MAX) = 30V(40VMAX), VOUT(MAX) = 44V, 1,000:1 True Color PWM
Dimming, ISD = <1μA, 4mm × 4mm QFN-24
LT3595
45V, 2.5MHz 16-Channel Full Featured
LED Driver
VIN(MIN) = 4.5V, VIN(MAX) = 45V, VOUT(MAX) = 45V, 5,000:1 True Color PWM Dimming,
ISD = <1μA, 5mm × 9mm QFN-56
LTC3783
High Side 36V, 1MHz LED Controller with
True Color 3,000:1 PWM Dimming
VIN(MIN) = 3.0V, VIN(MAX) = 36V, VOUT(MAX) = 40V, 3,000:1 True Color PWM Dimming,
ISD = <20μA, 4mm × 5mm DFN-16 TSSOP-16E
LT3517
1.3A, 2.5MHz High Current LED Driver
with 3,000:1 Dimming
VIN(MIN) = 3.0V, VIN(MAX) = 30V, VOUT(MAX) = 45, 3,000:1 True Color PWM Dimming,
ISD = <1μA, 4mm × 4mm QFN-16
LT3518
2.3A, 2.5MHz High Current LED Driver
with 3,000:1 Dimming
VIN(MIN) = 3.0V, VIN(MAX) = 30V, VOUT(MAX) = 45, 3,000:1 True Color PWM Dimming,
ISD = <1μA, 4mm × 4mm QFN-16
LT3486
Dual 1.3A, 2MHz High Current LED Driver
VIN(MIN) = 2.5V, VIN(MAX) = 24V, VOUT(MAX) = 36V, 1,000:1 True Color PWM Dimming,
ISD = <1μA, 5mm × 3mm DFN, TSSOP-16E
LT3478/LT3478-1 4.5A, 2MHz High Current LED Driver with
3,000:1 Dimming
VIN(MIN) = 2.8V, VIN(MAX) = 36V, VOUT(MAX) = 40V, 1,000:1 True Color PWM Dimming,
ISD = <10μA, 5mm × 7mm QFN-10
LT3496
Triple Output 750mA, 2.1 MHz High
Current LED Driver with 3,000:1 Dimming
VIN(MIN) = 3.0V, VIN(MAX) = 30V, VOUT(MAX) = 40V, 3,000:1 True Color PWM Dimming,
ISD = <1μA, 4mm × 5mm QFN-28
LT3474/LT3474-1 36V, 1A (ILED), 2MHz, Step-Down
LED Driver
VIN(MIN) = 4.0V, VIN(MAX) = 36V, VOUT(MAX) = 13.5V, 400:1 True Color PWM Dimming,
ISD = <1μA, TSSOP16E
LT3475/LT3475-1 Dual 1.5A(ILED), 36V, 2MHz, Step-Down
LED Driver
VIN(MIN) = 4.0V, VIN(MAX) = 36V, VOUT(MAX) = 13.5V, 3,000:1 True Color PWM Dimming,
ISD = <1μA, TSSOP20E
LT3476
Quad Output 1.5A, 2MHz High Current
LED Driver with 1,000:1 Dimming
VIN(MIN) = 2.8V, VIN(MAX) = 16V, VOUT(MAX) = 36V, 1,000:1 True Color PWM Dimming,
ISD = <10μA, 5mm × 7mm QFN-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com