Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1045 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1045
Description  Programmable Micropower Hex Translator/Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045 Datasheet(HTML) 3 Page - Linear Technology

  LTC1045 Datasheet HTML 1Page - Linear Technology LTC1045 Datasheet HTML 2Page - Linear Technology LTC1045 Datasheet HTML 3Page - Linear Technology LTC1045 Datasheet HTML 4Page - Linear Technology LTC1045 Datasheet HTML 5Page - Linear Technology LTC1045 Datasheet HTML 6Page - Linear Technology LTC1045 Datasheet HTML 7Page - Linear Technology LTC1045 Datasheet HTML 8Page - Linear Technology LTC1045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1045
1045fc
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The maximum differential voltage between any two power pins
(V +, V –, VOH and VOL) must not exceed 18V. The maximum recommended
operating differential is 15V.
Note 3: During operation near the maximum supply voltage limit, care
should be taken to avoid or suppress power supply turn-on and turn-off
transients, power supply ripple or ground noise; any of these conditions
must not cause a supply differential to exceed the absolute maximum
rating.
TYPICAL PERFORMANCE CHARACTERISTICS
I + vs Temperature
Delay Time vs RSET
RSET (Ω)
5
4
3
2
1
0
100
10k
100k
1M
1045 G02
1k
TA = 25°C
V+ = VOH = 5V
V– = VOL = 0V
I + vs RSET
RSET (Ω)
1.2
1.0
0.8
0.6
0.4
0.2
0
100
10k
100k
1M
1045 G03
1k
TA = 25°C
V+ = VOH = 5V
V– = VOL = 0V
VIN = VTRIP ±100mV
VREF vs Temperature
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0.1
25
0
75
100
1045 G04
–25
50
125
V+ = 5V
RSET = 10k
RSET = 1M
RSET (Ω)
20
18
16
14
12
10
8
6
4
2
0
100
10k
100k
1M
1045 G05
1k
V+ = 5V
Hysteresis vs RSET
TEMPERATURE (
°C)
–50
5
4
3
2
1
0
25
0
75
100
1045 G01
–25
50
125
V+ = 5V
RSET = 0
RSET = 10k
RSET = 1M
td
Response Time
Test Circuit Figure 1
250
ns
RSET = 10k, ±100mV Drive
q
350
ns
tSETUP
Time Before Rising Edge of ISET that
Test Circuit Figure 2
80
ns
Data Must Be Present
tHOLD
Time After Rising Edge of ISET that
Test Circuit Figure 2
0
ns
Data Must Be Present
tACC
Falling Edge of DISABLE to Logic
Test Circuit Figure 3
165
ns
Level (from Hi-Z State)
tIH, tOH
Rising Edge of DISABLE to Hi-Z State
Test Circuit Figure 3
200
ns
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V + = VOH = 5V, V– = VOL = 0V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com