Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2913 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  Negative Voltage Hot Swap Power Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913 Datasheet(HTML) 7 Page - Texas Instruments

  UCC2913 Datasheet HTML 1Page - Texas Instruments UCC2913 Datasheet HTML 2Page - Texas Instruments UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
UCC1913
UCC2913
UCC3913
1
2
LINEAR
CURRENT
AMPLIFIER
PL
7
OUT
IMAX
V
DD
50
Ω
8
V
DD
6
SENSE
5
VSS
4
CT
ON-TIME
CONTROL
3
VDD
UVLO
5.0V
REF
LOGIC
SUPPLY
9.5V SHUNT REGULATOR
20
µA
1=
UNDERVOLTAGE
SOURCE
ONLY
SD/FLT
V
DD
CSS
R2
VSS
C
VDD
R1
R
VDD
R
T
OUTPUT
R
S
C
T
VSS
FAULT=
50mV
DISABLE
Figure 6. Typical application diagram.
Next, the variable IMAX must be calculated. IMAX is the
maximum current that the UCC1913 will allow through
the transistor, M1, and it can be shown that during
startup with an output capacitor the power MOSFET, M1,
can be modeled as a constant current source of value
IMAX where:
I
V
R
MAX
IMAX
SENSE
=
where VIMAX = voltage on pin IMAX.
Given this information, calculation of the startup time is
now possible via the following:
Current Source Load:
T
CVSS
II
START
OUT
MAX
LOAD
=
•
−
Resistive Load:
TC
R
n
IR
IR
VSS
START
OUT
OUT
MAX
OUT
MAX
OUT
=•
•
•
•−


Once TSTART is calculated, the power limit feature of the
UCC1913 must be addressed and component values de-
rived. Assuming the user chooses to limit the maximum
allowable average power that will be associated with the
circuit breaker, the power limiting resistor, RPL, can be
easily determined by the following:
APPLICATION INFORMATION (cont.)
UDG-99002



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com