Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3554 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3554
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554 Datasheet(HTML) 3 Page - Linear Technology

  LTC3554 Datasheet HTML 1Page - Linear Technology LTC3554 Datasheet HTML 2Page - Linear Technology LTC3554 Datasheet HTML 3Page - Linear Technology LTC3554 Datasheet HTML 4Page - Linear Technology LTC3554 Datasheet HTML 5Page - Linear Technology LTC3554 Datasheet HTML 6Page - Linear Technology LTC3554 Datasheet HTML 7Page - Linear Technology LTC3554 Datasheet HTML 8Page - Linear Technology LTC3554 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3554
3
3554f
POWER MANAGER ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VUVLO
VBUS Undervoltage Lockout
Rising Threshold
Falling Threshold
3.5
3.8
3.6
3.9
V
V
VDUVLO
VBUS to BAT Differential Undervoltage
Lockout
Rising Threshold
Falling Threshold
0
200
50
300
mV
mV
RON_ILIM
Input Current Limit Power FET
On-Resistance (Between VBUS and VOUT)
350
mΩ
Battery Charger
VFLOAT
VBAT Regulated Output Voltage
0 ≤ TA ≤ 85°C
4.179
4.165
4.2
4.2
4.221
4.235
V
V
ICHG
Constant-Current Mode Charge Current
RPROG = 1.87k, 0 ≤ TA ≤ 85°C
380
400
420
mA
VPROG
VPROG,TRKL
PROG Pin Servo Voltage
PROG Pin Servo Voltage in Trickle Charge
VBAT < VTRKL
1
0.1
V
V
hPROG
Ratio of IBAT to PROG Pin Current
750
mA/mA
ITRKL
Trickle Charge Current
VBAT < VTRKL
30
40
50
mA
VTRKL
Trickle Charge Threshold Voltage
VBAT Rising
VBAT Falling
2.6
2.9
2.75
3V
V
ΔVRECHRG
Recharge Battery Threshold Voltage
Threshold Voltage Relative to VFLOAT
–75
–100
–115
mV
tTERM
Safety Timer Termination Period
Timer Starts when VBAT = VFLOAT – 50mV
3.2
4
5
Hour
tBADBAT
Bad Battery Termination Time
VBAT < VTRKL
0.4
0.5
0.63
Hour
hC/10
End-of-Charge Indication Current Ratio
(Note 6)
0.085
0.1
0.115
mA/mA
RON_CHG
Battery Charger Power FET
On-Resistance (Between VOUT and BAT)
IBAT = 200mA
220
mΩ
TLIM
Junction Temperature in Constant
Temperature Mode
110
°C
NTC
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising NTC Voltage
Hysteresis
75
76
1.3
77
%VBUS
%VBUS
VHOT
Hot Temperature Fault Threshold Voltage Falling NTC Voltage
Hysteresis
34
35
1.3
36
%VBUS
%VBUS
VDIS
NTC Disable Threshold Voltage
Falling NTC Voltage
Hysteresis
l
1.2
1.7
50
2.2
%VBUS
mV
INTC
NTC Leakage Current
VNTC = VBUS = 5V
–50
50
nA
Ideal Diode
VFWD
Forward Voltage Detection
(Note 12)
15
mV
RDROPOUT
Diode On-Resistance, Dropout
IOUT = 200mA, VBUS = 0V
240
mΩ
IMAX
Diode Current Limit
(Note 7)
1
A
Logic Inputs (HPWR, SUSP)
VIL
Input Low Voltage
0.4
V
VIH
Input High Voltage
1.2
V
RPD
Internal Pull-Down Resistance
4
MΩ
Logic Output (CHRG)
VOL
Output Low Voltage
ICHRG = 5mA
65
250
mV
ICHRG
Output Hi-Z Leakage Current
VBAT = 4.5V, VCHRG = 5V
0
1
μA
The
l denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C,
VBUS = 5V, VBAT = 3.8V, HPWR = SUSP = PWR_ON1 = PWR_ON2 = 0V, RPROG = 1.87k, STBY = High, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com